Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLP650LE Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DLP650LE
Description  0.65 WXGA DMD
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DLP650LE Datasheet(HTML) 13 Page - Texas Instruments

Back Button DLP650LE Datasheet HTML 9Page - Texas Instruments DLP650LE Datasheet HTML 10Page - Texas Instruments DLP650LE Datasheet HTML 11Page - Texas Instruments DLP650LE Datasheet HTML 12Page - Texas Instruments DLP650LE Datasheet HTML 13Page - Texas Instruments DLP650LE Datasheet HTML 14Page - Texas Instruments DLP650LE Datasheet HTML 15Page - Texas Instruments DLP650LE Datasheet HTML 16Page - Texas Instruments DLP650LE Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
fSCPCLK = 1 / tC
SCPCLK falling–edge capture for SCPDI.
SCPDI
SCPDO
tSCP_PD
50%
tSCP_DS
tSCP_DH
SCPCLK
SCPENZ
tSCP_NEG_ENZ
50%
50%
50%
50%
tSCP_POS_ENZ
50%
50%
50%
50%
DI
DO
tC
SCPCLK rising–edge launch for SCPDO.
13
DLP650LE
www.ti.com
DLPS095 – NOVEMBER 2017
Product Folder Links: DLP650LE
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.8 Timing Requirements
Over Recommended Operating Conditions (unless otherwise noted).
PARAMETER DESCRIPTION
SIGNAL
MIN
TYP
MAX
UNIT
LVDS
tC
Clock Cycle Duration for DCLK_A
LVDS
3.03
ns
tC
Clock Cycle Duration for DCLK_B
LVDS
3.03
tW
Pulse Duration for DCLK_A
LVDS
1.36
1.52
tW
Pulse Duration for DCLK_B
LVDS
1.36
1.52
tSU
Setup Time for D_A(15:0) before DCLK_A
LVDS
0.35
tSU
Setup Time for D_A(15:0) before DCLK_B
LVDS
0.35
tSU
Setup Time for SCTRL_A before DCLK_A
LVDS
0.35
tSU
Setup Time for SCTRL_B before DCLK_B
LVDS
0.35
tH
Hold time for D_A(15:0) after DCLK_A
LVDS
0.35
tH
Hold time for D_B(15:0) after DCLK_B
LVDS
0.35
tH
Setup Time for SCTRL_A after DCLK_A
LVDS
0.35
tH
Setup Time for SCTRL_B after DCLK_B
LVDS
0.35
tSKEW
Channel B relative to Channel A
LVDS
–1.51
1.51
Figure 2. SCP Timing Requirements
See Recommended Operating Conditions for fSCPCLK, tSCP_DS, tSCP_DH, and tSCP_PD specifications.
See Recommended Operating Conditions for tr and tf specifications and conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com