Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4255P Datasheet(PDF) 10 Page - ATMEL Corporation

Part # ATR4255P
Description  FM Double-conversion System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255P Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button ATR4255P Datasheet HTML 6Page - ATMEL Corporation ATR4255P Datasheet HTML 7Page - ATMEL Corporation ATR4255P Datasheet HTML 8Page - ATMEL Corporation ATR4255P Datasheet HTML 9Page - ATMEL Corporation ATR4255P Datasheet HTML 10Page - ATMEL Corporation ATR4255P Datasheet HTML 11Page - ATMEL Corporation ATR4255P Datasheet HTML 12Page - ATMEL Corporation ATR4255P Datasheet HTML 13Page - ATMEL Corporation ATR4255P Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
10
4883B–AUDR–01/06
ATR4255P
3.13
2nd IF Output
The 2
nd IF after the gain-controlled 2nd IF amplifier is available at pin 20 (bit 55 = 0). In AM
mode, this signal may be used for an external AM stereo decoder. Alternatively, a signal corre-
sponding to the logarithmic field strength after the integrated FM band filter, which is used for
multipath detection, can be switched to pin 20 by setting bit 55 to “1”.
3.14
Automatic IF Center Frequency Adjustment
Integrated active filters are used in the FM band filter, FM demodulator, and adjacent channel
sensor. The center frequency of these filters is automatically adjusted to the second IF fre-
quency of 450 kHz. The frequency of 10.25 MHz at pin 22 is used as a reference for this
alignment.
Figure 3-2.
Automatic IF Center Frequency Adjustment
For fine tuning, the center frequency of all these integrated active filters (band filter, demodula-
tor, and adjacent channel sensor) can be shifted in steps of 6.25 kHz using bits 56 to 59 (Table
3-13 on page 11). Additionally, the center frequency of the band filter can be adjusted separately
by means of bits 14 to 17, if bit 4 is set to “1”. If bit 4 is set to “0”, the default setting is used.
Table 3-12.
Pin 20 Output Setting
Pin 20
Bit 55
2nd IF output
0
Multipath field strength
1
Automatic
frequency
adjustment
FM demod.
FM
band filter
Adj. channel
sensor
+
+
Bit 56 to 59
10.25 MHz
Bit 14 to 17
Bits 5 and 6
Center
freq.
Center
freq.
Center
freq.
Pin 37
Pin 22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com