Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4255P Datasheet(PDF) 13 Page - ATMEL Corporation

Part # ATR4255P
Description  FM Double-conversion System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255P Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button ATR4255P Datasheet HTML 9Page - ATMEL Corporation ATR4255P Datasheet HTML 10Page - ATMEL Corporation ATR4255P Datasheet HTML 11Page - ATMEL Corporation ATR4255P Datasheet HTML 12Page - ATMEL Corporation ATR4255P Datasheet HTML 13Page - ATMEL Corporation ATR4255P Datasheet HTML 14Page - ATMEL Corporation ATR4255P Datasheet HTML 15Page - ATMEL Corporation ATR4255P Datasheet HTML 16Page - ATMEL Corporation ATR4255P Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
13
4883B–AUDR–01/06
ATR4255P
Figure 3-3.
FM Demodulator Automatic Fine Tuning
The center frequency of the FM demodulator can be adjusted by means of bits 56 to 59. At the
center frequency, the DC voltage at the MPX output pin 11 is equal to the MPX offset voltage
that can be measured at pin 11 while MPX mute is active (bit 7 = 1). This adjustment will affect
the center frequency of all integrated filters as mentioned before.
3.17
Soft Mute
The soft mute functionality is implemented to reduce the output level of the FM demodulator at
low input signal levels, and to limit the noise at MPX output at low input signal levels. If the input
level falls below an adjustable threshold, continuously the output of the FM demodulator is con-
tinuously muted with decreasing input level until a maximum mute value is reached. The
threshold for the start of soft mute and the maximum mute can be adjusted. The signal level for
3 dB mute can be set by means of bits 68 to 70 and the maximum value for soft mute can be
selected by bit 67. The steepness and the time constant of the soft mute can be adjusted by the
resistor and capacitor between pins 34 and 29.
The field strength signal available at pin 9 is used for soft mute. Therefore, the soft mute thresh-
old referred to the input of the FM mixer depends on the gain from FM mixer input to the field
strength sensor.
Table 3-16.
Demodulator Gain in Weather Band Mode
Demodulator Gain in Weather Band Mode Relative to FM Mode
Bit 72
Bit 71
12 dB
0
0
15 dB
0
1
18 dB
1
0
21 dB
1
1
Table 3-17.
Demodulator Fine Adjustment
Demodulator Fine Adjustment
Bit 53
Fine tuning ON
0
Fine tuning OFF
1
FM demod.
+
(10 nF)
AM
AGC
B92
Center freq.
Bit 53
Automatic
frequency
adjustment
MPX
IFAGCH
V3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com