Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATR4255P Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR4255P
Description  FM Double-conversion System
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR4255P Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR4255P Datasheet HTML 1Page - ATMEL Corporation ATR4255P Datasheet HTML 2Page - ATMEL Corporation ATR4255P Datasheet HTML 3Page - ATMEL Corporation ATR4255P Datasheet HTML 4Page - ATMEL Corporation ATR4255P Datasheet HTML 5Page - ATMEL Corporation ATR4255P Datasheet HTML 6Page - ATMEL Corporation ATR4255P Datasheet HTML 7Page - ATMEL Corporation ATR4255P Datasheet HTML 8Page - ATMEL Corporation ATR4255P Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Features
• FM Double-conversion System
• Integrated Second IF Filter with Software-controlled Bandwidth
• Completely Integrated FM Demodulator
• Soft Mute and Multipath Noise Cancellation
• Receiving Condition Analyzer
• AM Up/Down-conversion System
• AM Preamplifier with AGC and Stereo Capability
• 3-wire Bus Controlled
• Search Stop Signal Generation for AM and FM
• Automatic Alignment Possible
• Lead-free Package
Electrostatic sensitive device.
Observe precautions for handling.
1.
Description
The ATR4255P is a highly integrated AM/FM front-end circuit manufactured using
Atmel’s advanced BiCMOS technology. It represents a complete, automatically
adjustable AM/FM front end, containing a double-conversion system for FM and an
up/down-conversion receiver for AM with IF1 = 10.7 MHz and IF2 = 450 kHz. The
front end is suitable for digital or analog AF signal processing. Together with the PLL
ATR4256, an automatically aligned high-performance AM/FM tuner can be built.
These ICs are designed for highly sophisticated car radio applications.
AM/FM
Receiver IC
ATR4255P
Rev. 4883B–AUDR–01/06


Similar Part No. - ATR4255P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR4255 ATMEL-ATR4255 Datasheet
373Kb / 32P
AM/FM RECEIVER IC
ATR4255-ILQH ATMEL-ATR4255-ILQH Datasheet
373Kb / 32P
AM/FM RECEIVER IC
ATR4255-ILSH ATMEL-ATR4255-ILSH Datasheet
373Kb / 32P
AM/FM RECEIVER IC
More results

Similar Description - ATR4255P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA8670M SANYO-LA8670M Datasheet
192Kb / 10P
Double-Conversion Narrow-Band FM IF System
logo
Cirrus Logic
CS4225 CIRRUS-CS4225 Datasheet
385Kb / 30P
Digital Audio Conversion System
logo
Intersil Corporation
CA3089 INTERSIL-CA3089 Datasheet
236Kb / 7P
FM IF System
November 1996
CA3189 INTERSIL-CA3189 Datasheet
129Kb / 8P
FM IF System
May 1999
logo
TOKO, Inc
TK10420 TOKO-TK10420 Datasheet
120Kb / 5P
DUAL CONVERSION FM IF AMPLIFER
logo
List of Unclassifed Man...
SL6601C ETC1-SL6601C Datasheet
427Kb / 6P
FM IF, PLL DETECTOR (DOUBLE CONVERSION) AND RF MIXER
logo
Motorola, Inc
MC3363 MOTOROLA-MC3363 Datasheet
339Kb / 10P
Low Power Dual Conversion FM Receiver
logo
LANSDALE Semiconductor ...
ML13135 LANSDALE-ML13135 Datasheet
771Kb / 11P
FM Communications Receiver; Dual Conversion Narrowband FM Receiver
logo
TDK Electronics
B39172B1619U810 TDK-B39172B1619U810 Datasheet
179Kb / 6P
SAW filter Double conversion
logo
Motorola, Inc
MC3362 MOTOROLA-MC3362 Datasheet
285Kb / 8P
LOW?밣OWER DUAL CONVERSION FM RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com