Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT71-800 Datasheet(PDF) 2 Page - STMicroelectronics

Part # BYT71-800
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT71-800 Datasheet(HTML) 2 Page - STMicroelectronics

  BYT71-800 Datasheet HTML 1Page - STMicroelectronics BYT71-800 Datasheet HTML 2Page - STMicroelectronics BYT71-800 Datasheet HTML 3Page - STMicroelectronics BYT71-800 Datasheet HTML 4Page - STMicroelectronics BYT71-800 Datasheet HTML 5Page - STMicroelectronics BYT71-800 Datasheet HTML 6Page - STMicroelectronics BYT71-800 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
IR **
Tj = 25°CVR = VRRM
20
µA
Tj = 100°C
1mA
VF *
Tj = 100°CIF = 6 A
1.3
V
Tj = 25°CIF = 6 A
1.4
Pulse test : * tp = 380
µs, duty cycle < 2 %
** tp = 5 ms, duty cycle < 2 %
THERMAL RESISTANCES
ELECTRICAL CHARACTERISTICS
STATIC CHARACTERISTICS
RECOVERY CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°CIF = 1A
VR = 30V
dIF/dt = -15A/µs
300
ns
To evaluate the conduction losses use the following equations :
P = 1.15 x IF(AV) + 0.025 x IF2(RMS)
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case
TO220AC
2.3
°C/W
ISOWATT220AC
4.9
BYT71(F)-800
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com