Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT71-800 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BYT71-800
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT71-800 Datasheet(HTML) 3 Page - STMicroelectronics

  BYT71-800 Datasheet HTML 1Page - STMicroelectronics BYT71-800 Datasheet HTML 2Page - STMicroelectronics BYT71-800 Datasheet HTML 3Page - STMicroelectronics BYT71-800 Datasheet HTML 4Page - STMicroelectronics BYT71-800 Datasheet HTML 5Page - STMicroelectronics BYT71-800 Datasheet HTML 6Page - STMicroelectronics BYT71-800 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
I M(A)
P=5W
P=7.5W
P=10W
T
I
M
=tp/T
tp
Fig.2 : Peak current versus form factor.
V FM(V)
Tj=100 C
O
FM(A)
I
Fig.3 : Forward voltage drop versus forward current
(maximum values).
K=Zth(j-c)/Rth(j-c)
SINGLE PULSE
=0.5
=0.2
=0.1
T
=tp/T
tp
Fig.4 : Relative variation of thermal impedance junction
to case versus pulse duration.
(TO 220 AC)
PF(av)(W)
=0.5
=0.05
=0.1
=0.2
=1
T
=tp/T
tp
IF(av)(A)
Fig.1 : Average forward power dissipation versus
average forward current.
K=Zth(j-c)/Rth(j-c)
=0.5
=0.2
=0.1
SINGLE PULSE
T
=tp/T
tp
tp(s)
Fig.5 : Relative variation of thermal impedance junction
to case versus pulse duration.
(ISOWATT220AC)
BYT71(F)-800
3/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com