Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BYT71-800 Datasheet(PDF) 4 Page - STMicroelectronics

Part # BYT71-800
Description  FAST RECOVERY RECTIFIER DIODES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BYT71-800 Datasheet(HTML) 4 Page - STMicroelectronics

  BYT71-800 Datasheet HTML 1Page - STMicroelectronics BYT71-800 Datasheet HTML 2Page - STMicroelectronics BYT71-800 Datasheet HTML 3Page - STMicroelectronics BYT71-800 Datasheet HTML 4Page - STMicroelectronics BYT71-800 Datasheet HTML 5Page - STMicroelectronics BYT71-800 Datasheet HTML 6Page - STMicroelectronics BYT71-800 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IM(A)
IM
=0.5
t(s)
Fig.7 : Non repetitive surge peak forward current versus
overload duration.
(ISOWATT220AB)
F(av)(A)
I
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
Rth(j-a)=15
C/W
o
Rth(j-a)=Rth(j-c)
T
=tp/T
tp
=0.5
Tamb( C)
o
Fig.8 : Average current versus ambient temperature.
(duty cycle : 0.5) (TO 220 AB)
IF(av)(A)
0
25
50
75
100
125
150
0
1
2
3
4
5
6
7
8
Rth(j-a)=15
C/W
o
Rth(j-a)=Rth(j-c)
T
=tp/T
tp
=0.5
Tamb( C)
o
Fig.9 : Average current versus ambient temperature.
(duty cycle : 0.5) (ISOWATT220AB)
C(pF)
F=1Mhz Tj=25 C
O
V R(V)
Fig.10 : Junction capacitance versus reverse voltage
applied (Typical values).
IM
=0.5
t(s)
Fig.6 : Non repetitive surge peak forward current versus
overload duration.
(TO 220 AB)
90% CONFIDENCE
Tj=100
C
Fig.11 : Recovery charges versus dIF/dt.
BYT71(F)-800
4/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com