Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDMLN32.SB Datasheet(PDF) 4 Page - OSRAM GmbH

Part # KWDMLN32.SB
Description  Headup Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDMLN32.SB Datasheet(HTML) 4 Page - OSRAM GmbH

  KWDMLN32.SB Datasheet HTML 1Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 2Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 3Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 4Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 5Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 6Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 7Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 8Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
2017-06-26
4
Version 1.1
KW DMLN32.SB
Characteristics (TS = 25 °C; IF = 200 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931 2) page 24
Farbkoordinaten nach CIE 1931 2) Seite 24
(typ.)
(typ.)
Cx
Cy
0.27
0.25
-
-
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(min.)
(max.)
λpeak
λpeak
437
456
nm
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
120
°
Forward voltage 3) page 24
Durchlassspannung 3) Seite 24
(min.)
(typ.)
(max.)
V
F
V
F
V
F
2.75
2.99
3.50
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 24
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 24
(typ.)
(max.)
Rth JS real
Rth JS real
18
20
K/W
K/W
"Electrical" thermal resistance junction / solder point
4) page 24
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 4) Seite 24
(with efficiency ηe = 30 %)
(typ.)
(max.)
R
th JS el
Rth JS el
13
14
K/W
K/W
Note:
Individual forward voltage groups see next page
Anm.:
Durchlassspannungsgruppen siehe nächste Seite



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com