Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KWDMLN32.SB Datasheet(PDF) 1 Page - OSRAM GmbH

Part # KWDMLN32.SB
Description  Headup Display
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KWDMLN32.SB Datasheet(HTML) 1 Page - OSRAM GmbH

  KWDMLN32.SB Datasheet HTML 1Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 2Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 3Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 4Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 5Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 6Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 7Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 8Page - OSRAM GmbH KWDMLN32.SB Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
2017-06-26
1
2017-06-26
SYNIOS P2720
Datasheet
Version 1.1
KW DMLN32.SB
Features:
Besondere Merkmale:
•
Package: SMD epoxy package
•
Gehäusetyp: SMD Epoxid Gehäuse
•
Technology: ThinGaN (UX:3)
•
Technologie: ThinGaN (UX:3)
•
Viewing angle at 50 % I
V: 120°
•
Abstrahlwinkel bei 50 % I
V: 120°
•
Color: Cx = 0.27, Cy = 0.25 acc. to CIE 1931
(white)
•
Farbe: Cx = 0.27, Cy = 0.25 nach CIE 1931 (weiß)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of IEC60810, Lamps for
road vehicles – Performance requirements –
Requirements and test conditions for LED
packages.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie IEC60810: „Lamps for
road vehicles – Performance requirements –
Requirements and test conditions for LED
packages” getestet.
Applications
Anwendungen
•
Headup Display
•
Headup Display
•
Automotive Interior Lighting
•
Automotive Interior Lighting


Similar Part No. - KWDMLN32.SB

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KWDMLN31.SG OSRAM-KWDMLN31.SG Datasheet
737Kb / 23P
SYNIOS P2720
logo
ams AG
KWDMLN34.EC AMSCO-KWDMLN34.EC Datasheet
1Mb / 23P
This compact LED device is part of the SYNIOS P2720 family.
Version 1.1 2020-07-30
More results

Similar Description - KWDMLN32.SB

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEAQ7WP OSRAM-LEAQ7WP Datasheet
772Kb / 24P
Headup Display
LEBQ7WP OSRAM-LEBQ7WP Datasheet
819Kb / 24P
Headup Display
LECGQ7WP OSRAM-LECGQ7WP Datasheet
1Mb / 26P
Headup Display
LUWCEUP.HD OSRAM-LUWCEUP.HD Datasheet
767Kb / 23P
Headup Display
logo
Japan Display Inc.
LPM013M091A DATAMODUL-LPM013M091A_18 Datasheet
2Mb / 47P
Display
LPM013M126A DATAMODUL-LPM013M126A Datasheet
757Kb / 38P
Display
LPM027M128B DATAMODUL-LPM027M128B Datasheet
929Kb / 37P
Display
LPM027M128C DATAMODUL-LPM027M128C Datasheet
2Mb / 37P
Display
LPM044M141A DATAMODUL-LPM044M141A Datasheet
725Kb / 38P
Display
logo
PHOENIX CONTACT
1426836 PHOENIX-1426836 Datasheet
208Kb / 4P
Display - CHARX 4,3 LCD DISPLAY
Nov 3, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com