Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRTBGRUG Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRTBGRUG
Description  video walls in outdoor areas
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRTBGRUG Datasheet(HTML) 1 Page - OSRAM GmbH

  LRTBGRUG Datasheet HTML 1Page - OSRAM GmbH LRTBGRUG Datasheet HTML 2Page - OSRAM GmbH LRTBGRUG Datasheet HTML 3Page - OSRAM GmbH LRTBGRUG Datasheet HTML 4Page - OSRAM GmbH LRTBGRUG Datasheet HTML 5Page - OSRAM GmbH LRTBGRUG Datasheet HTML 6Page - OSRAM GmbH LRTBGRUG Datasheet HTML 7Page - OSRAM GmbH LRTBGRUG Datasheet HTML 8Page - OSRAM GmbH LRTBGRUG Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LRTB GRUG
DISPLIX Black
Data Sheet
Draft Version
1.4
1.4
1.4
1.4
2015-06-30
1
Das Bauteil ist speziell für den Einsatz in
Vollfarb-Videoleinwänden entwickelt worden.
Die 6-lead Technologie läßt eine unabhängige
Ansteuerung aller Chips zu und bietet dadurch
eine additive Farbmischung. Das schwarze
Gehäuse garantiert höchsten Kontrast
Merkmale
• Gehäusetyp: schwarzes PLCC-6 Gehäuse,
diffuser Silikon Verguss
• Farbe: Rot/True Grün/Blau, 625 nm (rot),
528 nm (true grün), 470 nm (blau)
• Abstrahlwinkel: Lambertscher Strahler (120°)
• Lötmethode: Reflow lötbar
• Vorbehandlung: nach JEDEC Level 3
• ESD-Festigkeit: ESD -sensitives Bauteil
Hauptanwendungen
• Videoleinwände
• Vollfarb-Displays
This device is especially designed for full color
video walls. The 6-lead technology admits an
additive mixture of color stimuli by
independent driving of each chip. The black
package guarantees highest contrast.
Features
• package: black PLCC-6 package, diffused
silicone resin
• color: red/true green/ blue, 625 nm (red),
528 nm (true green), 470 nm (blue)
• viewing angle: Lambertian Emitter (120°)
• soldering methods: reflow solderable
• preconditioning: acc. to JEDEC Level 3
• ESD-withstand voltage: ESD sensitive device
Main Applications
• video walls in outdoor areas
• full color displays


Similar Part No. - LRTBGRUG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRTBGRTG OSRAM-LRTBGRTG Datasheet
908Kb / 26P
DISPLIX Blackprint
More results

Similar Description - LRTBGRUG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
KRTBEILP41.32 OSRAM-KRTBEILP41.32 Datasheet
968Kb / 29P
Indoor Video Walls
LRTBR98G OSRAM-LRTBR98G Datasheet
1Mb / 25P
Indoor Video Walls
KBHAVPA1.12 OSRAM-KBHAVPA1.12 Datasheet
858Kb / 22P
Video Walls
KYHAVPA1.22 OSRAM-KYHAVPA1.22 Datasheet
851Kb / 21P
3D RGBY Video Walls
LRTBGVTG OSRAM-LRTBGVTG Datasheet
681Kb / 27P
video walls
LRTBGVTG OSRAM-LRTBGVTG_18 Datasheet
1Mb / 27P
video walls
logo
PHOENIX CONTACT
RAD-ISM-2400-ANT-OMNI-6-0 PHOENIX-RAD-ISM-2400-ANT-OMNI-6-0 Datasheet
115Kb / 4P
For use in potentially explosive areas
logo
OSRAM GmbH
KRTBEJLP41.32 OSRAM-KRTBEJLP41.32 Datasheet
856Kb / 27P
Indoor Video Walls
KRTBEKLP42.32 OSRAM-KRTBEKLP42.32 Datasheet
672Kb / 27P
Indoor Video Walls
logo
ams AG
KRTBLFLM71.32 AMSCO-KRTBLFLM71.32 Datasheet
2Mb / 28P
This device is especially designed for full color video walls.
Version 1.3 2022-05-31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com