Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # SAMA5D2
Description  SAMA5D2 Xplained Ultra Evaluation Kit
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMA5D2 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button SAMA5D2 Datasheet HTML 9Page - ATMEL Corporation SAMA5D2 Datasheet HTML 10Page - ATMEL Corporation SAMA5D2 Datasheet HTML 11Page - ATMEL Corporation SAMA5D2 Datasheet HTML 12Page - ATMEL Corporation SAMA5D2 Datasheet HTML 13Page - ATMEL Corporation SAMA5D2 Datasheet HTML 14Page - ATMEL Corporation SAMA5D2 Datasheet HTML 15Page - ATMEL Corporation SAMA5D2 Datasheet HTML 16Page - ATMEL Corporation SAMA5D2 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 74 page
background image
SAMA5D2 Xplained Ultra [USER GUIDE]
Atmel-44028C-ATARM-SAMA5D2-Xplained-Ultra-User Guide_13-Oct-16
13
Figure 5-6.
Battery Powering Scheme
Charger Input Interrupts
In order to ease input supply detection and eliminate the size and cost of external detection circuitry, the charger
has the ability to generate interrupts based upon the status of the input supply. This function is capable of
generating an interrupt when the input is connected, disconnected, or both, when the charger state machine
transitions.
Charge Status Indicator
The charger provides a charge-status indicator output, nSTAT. nSTAT is an open-drain output which sinks current
when the charger is in an active-charging state, and is high-Z otherwise. nSTAT features an internal 8 mA current
limit, and is capable of directly driving a LED (D1).
Precision Voltage Detector
The LBI input connects to one input of a precision voltage comparator, which can be used to monitor a system
voltage such as the battery voltage. An external resistive-divider network can be used to set voltage monitoring
thresholds. The output of the comparator is present at the nLBO open-drain output and connected to the led red
D1.
Table 5-3.
PIOs Used to Control the Battery Charger
PIO
Function
PA12
CHGLEV: Charge Current Selection Input
PB13
nIRQ: Open-Drain Interrupt Output. nIRQ is asserted any time an unmasked fault condition exists or a charger
interrupt occurs.
PC8
nLBO: Low Battery Indicator Output. nLBO is asserted low whenever the voltage at LBI is lower than1.2V; it is high-
Z otherwise.
nPBSTAT
VBAT
VBAT
VSYS_5V
VSYS_5V
VSYS_5V
VDD_3V3
PMIC_CHGLEV_PA12
[7]
PMIC_IRQ_PB13
[7]
PMIC_TWD0_PD21
[8]
PMIC_TWCK0_PD22
[8]
NRST
[9,10,12,14,15]
PMIC_LBO/EXP_PC8
[8,15]
C19
4.7uF
R17
100R 1%
R30
0R
J3
1X3Pin
1
2
3
R26
DNP(8.2K 1%)
R16
100R 1%
R27
2.43K 1%
R44
100R 1%
C7
DNP(1nF)
R20
100R 1%
C166
47nF
J4
DNP(Header 1X2 2.00MM)
1
2
C164
10uF
C163
10uF
C167
100nF
D1
RED
R41
DNP(0R)
C176
10uF
U2
ACT8945AQJ405-T
CHGIN
33
ACIN
21
LBI
20
ISET
23
REFBP
1
CHGLEV
22
nRSTO
11
nIRQ
12
nPBSTAT
13
nLBO
19
SDA
27
SCL
26
VSEL
25
VSYS1
31
VSYS2
32
VP1
39
VP2
35
VP3
16
INL
6
NC1
40
nSTAT
28
BAT1
29
BAT2
30
TH
24
SW1
38
OUT1
2
SW2
36
OUT2
34
SW3
15
OUT3
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com