Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 20 Page - ATMEL Corporation

Part # SAMA5D2
Description  SAMA5D2 Xplained Ultra Evaluation Kit
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMA5D2 Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button SAMA5D2 Datasheet HTML 16Page - ATMEL Corporation SAMA5D2 Datasheet HTML 17Page - ATMEL Corporation SAMA5D2 Datasheet HTML 18Page - ATMEL Corporation SAMA5D2 Datasheet HTML 19Page - ATMEL Corporation SAMA5D2 Datasheet HTML 20Page - ATMEL Corporation SAMA5D2 Datasheet HTML 21Page - ATMEL Corporation SAMA5D2 Datasheet HTML 22Page - ATMEL Corporation SAMA5D2 Datasheet HTML 23Page - ATMEL Corporation SAMA5D2 Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 74 page
background image
20
SAMA5D2 Xplained Ultra [USER GUIDE]
Atmel-44028C-ATARM-SAMA5D2-Xplained-Ultra-User Guide_13-Oct-16
5.3.6
Additional Memories
5.3.6.1
Serial Data Flash
The SAMA5D2 provides two high-speed Serial Peripheral Interface (SPI) controllers. One port is used to interface
with the on-board serial DataFlash.
The four main signals used in the SPI are Clock, Data In, Data Out, and Chip Select. The SPI is a serial interface
similar to the I
2C bus interface but with three main differences:
It operates at a higher speed.
Transmit and receive data lines are separate.
Device access is chip select-based instead of address-based.
Figure 5-15.
Serial DataFlash
5.3.6.2
QSPI Serial Flash
The SAMA5D2 provides two Quad Serial Peripheral Interfaces (QSPI). One port is used to interface with the optional
on-board QSPI serial DataFlash.
The Quad SPI Interface (QSPI) is a synchronous serial data link that provides communication with external
devices in Master mode.
The QSPI can be used in SPI mode to interface to serial peripherals (such as ADCs, DACs, LCD controllers, CAN
controllers and sensors), or in Serial Memory mode to interface to serial Flash memories.
The QSPI allows the system to execute code directly from a serial Flash memory (XIP) without code shadowing to
RAM. The serial Flash memory mapping is seen in the system as other memories (ROM, SRAM, DRAM,
embedded Flash memory, etc.).
With the support of the Quad SPI protocol, the QSPI allows the system to use high-performance serial Flash
memories which are small and inexpensive, in place of larger and more expensive parallel Flash memories
Figure 5-16.
Optional QSPI Serial DataFlash
SPI0_CS0_PA17
VDD_3V3
SPI0_MOSI_PA15
[7]
SPI0_MISO_PA16
[7]
SPI0_SPCK_PA14
[7]
C53
100nF
U9
AT25DF321A
HOLD
7
GND
4
VCC
8
CS
1
SCK
6
SI
5
SO
2
WP
3
QSPI0_CS
VDD_3V3
QSPI0_SCK_PA22
[7]
QSPI0_IO0_PA24
[7]
QSPI0_IO1_PA25
[7]
QSPI0_IO2_PA26
[7]
QSPI0_IO3_PA27
[7]
C52
100nF
U10
DNP(N25Q128A13ESE40F)
DQ0
5
DQ1
2
W#/VPP/DQ2
3
HOLD#/DQ3
7
VCC
8
S#
1
C
6
Vss
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com