Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAMA5D2 Datasheet(PDF) 21 Page - ATMEL Corporation

Part # SAMA5D2
Description  SAMA5D2 Xplained Ultra Evaluation Kit
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMA5D2 Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button SAMA5D2 Datasheet HTML 17Page - ATMEL Corporation SAMA5D2 Datasheet HTML 18Page - ATMEL Corporation SAMA5D2 Datasheet HTML 19Page - ATMEL Corporation SAMA5D2 Datasheet HTML 20Page - ATMEL Corporation SAMA5D2 Datasheet HTML 21Page - ATMEL Corporation SAMA5D2 Datasheet HTML 22Page - ATMEL Corporation SAMA5D2 Datasheet HTML 23Page - ATMEL Corporation SAMA5D2 Datasheet HTML 24Page - ATMEL Corporation SAMA5D2 Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 74 page
background image
SAMA5D2 Xplained Ultra [USER GUIDE]
Atmel-44028C-ATARM-SAMA5D2-Xplained-Ultra-User Guide_13-Oct-16
21
5.3.6.3
Serial EEPROM with Unique MAC Address
The SAMA5D2-XULT board embeds one Atmel AT24MAC402/602 EEPROM using a TWI1 interface.
The AT24MAC402/602 provides 2048 bits of Serial Electrically-Erasable Programmable Read-Only Memory
(EEPROM) organized as 256 words of eight bits each and is accessed via an I
2C-compatible (2-wire) serial
interface. In addition, the AT24MAC402/602 incorporates an easy and inexpensive method to obtain a globally
unique MAC or EUI address (EUI-48 or EUI-64).
The EUI-48/64 addresses can be assigned as the actual physical address of a system hardware device or node, or
it can be assigned to a software instance. These addresses are factory-programmed by Atmel and guaranteed
unique. They are permanently write-protected in an extended memory block located outside of the standard 2-Kbit
memory array.
In addition, the AT24MAC402/602 provides the value-added feature of a factory-programmed, also guaranteed
unique 128-bit serial number located in the extended memory block (same area as the EUI address values).
Figure 5-17.
EEPROM
WARNING
The EEPROM device is used as a “software label” to store board information such as
chip type, manufacture name and production date, using the last two 16-byte blocks in
memory. The information contained in these blocks should not be modified.
EEPROM_WP
EEPROM_WP
VDD_3V3
VDD_3V3
EEPROM_TWD1_PD4
[8]
EEPROM_TWCK1_PD5
[8]
R316
0R
U18
AT24MAC402-MAHM-T
A0
1
A1
2
A2
3
GND
4
VCC
8
WP
7
SCL
6
SDA
5
C161
100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com