Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-37C8SW Datasheet(PDF) 4 Page - Lite-On Technology Corporation

Part # LTC-37C8SW
Description  LED Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-37C8SW Datasheet(HTML) 4 Page - Lite-On Technology Corporation

  LTC-37C8SW Datasheet HTML 1Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 2Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 3Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 4Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 5Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 6Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 7Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-37C8SW
PAGE:
3 of 7
BNS-OD-C131/A4
PACKAGE DIMENSIONS
NOTES: 1.All dimensions are in millimeters. Tolerances are  0.25 mm (0.01“) unless otherwise noted.
2. Pin tip’s shift tolerance is  0.4 mm.
3. Recommend the best PCB hole : diameter 0.9 mm
4. Foreign material on segment ≦10mils
5. Ink contamination (surface) ≦20mils
6. Bending≦1% of reflector length
7. Bubble in segment ≦10mils



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com