Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-37C8SW Datasheet(PDF) 6 Page - Lite-On Technology Corporation

Part # LTC-37C8SW
Description  LED Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-37C8SW Datasheet(HTML) 6 Page - Lite-On Technology Corporation

  LTC-37C8SW Datasheet HTML 1Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 2Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 3Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 4Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 5Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 6Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 7Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-37C8SW
PAGE:
5 of 7
BNS-OD-C131/A4
CHIP LED ABSOLUTE MAXIMUM RATING
PARAMETER
MAXIMUM RATING
UNIT
Power Dissipation Per Segment
35
mW
Peak Forward Current Per Segment
( Frequency 1Khz, 10% duty cycle)
50
mA
Continuous Forward Current Per Segment
10
mA
Forward Current Derating from 25
0C
0.28
mA/°C
Operating Temperature Range
-35°C to +85°C
Storage Temperature Range
-35°C to +85°C
Soldering Conditions: 1/16 inch below seating plane for 3 seconds at 260°C.
CHIP LED ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta=25
oC
PARAMETER
SYMBOL MIN. TYP. MAX. UNIT TEST CONDITION
Average Luminous Intensity
IV
45
180
mcd
IF = 5mA
Note 1, 2, 5
Viewing Angle
2θ1/2
130
deg
Fig.6
Chromaticity Coordinates
x
0.294
IF = 5mA
Note 3, 5
Fig.1
y
0.286
Forward Voltage Per Segment
VF
2.55
3.15
V
IF = 5mA
Reverse Current Per Segment
(7)
IR
100
A
VR=5V
Luminous Intensity Matching Ratio
(Similar Light Area)
IV-m
2:1
IF=5mA
Note :
1. Luminous intensity is measured with a light sensor and filter combination that approximates the
CIE eye-response curve.
2. Iv classification code is marked on each packing bag.
3. The chromaticity coordinates (x, y) is derived from the 1931 CIE chromaticity diagram.
4. Caution in ESD:
Static Electricity and surge damages the LED. It is recommend to use a wrist band or
anti-electrostatic glove when handling the LED. All devices, equipment and machinery must be
properly grounded.
5. Tester:CAS140B is for the chromaticity coordinates (x, y) and Iv.
6. The chromaticity coordinates (x, y) guarantee should be added ± 0.01 tolerance
7. Reverse voltage is only for IR test. It can not continue to operate at this situation.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com