Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC-37C8SW Datasheet(PDF) 8 Page - Lite-On Technology Corporation

Part # LTC-37C8SW
Description  LED Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITEON [Lite-On Technology Corporation]
Direct Link  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

LTC-37C8SW Datasheet(HTML) 8 Page - Lite-On Technology Corporation

  LTC-37C8SW Datasheet HTML 1Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 2Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 3Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 4Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 5Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 6Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 7Page - Lite-On Technology Corporation LTC-37C8SW Datasheet HTML 8Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
LITE-ON TECHNOLOGY CORPORATION
Property of Lite-On Only
PART NO.: LTC-37C8SW
PAGE:
7 of 7
BNS-OD-C131/A4
Bin Code List
VF Spec. Table
VF Bin
Forward Voltage (V) at IF = 5mA
Min.
Max.
V1
2.55
2.65
V2
2.65
2.75
V3
2.75
2.85
V4
2.85
2.95
V5
2.95
3.05
V6
3.05
3.15
Tolerance on each Forward Voltage bin is +/-0.05 volt
IV Spec. Table
IV Bin
Luminous Intensity (mcd) at IF = 5mA
Min.
Max.
P
45.0
71.0
Q
71.0
112.0
R
112.0
180.0
Tolerance on each Luminous Intensity bin is +/- 15%.
Hue Spec. Table
Hue Bin
Color bin limits at IF = 5mA
CIE 1931Chromaticity coordinates
S1
x
0.274
0.274
0.294
0.294
y
0.226
0.258
0.286
0.254
S2
x
0.274
0.274
0.294
0.294
y
0.258
0.291
0.319
0.286
S3
x
0.294
0.294
0.314
0.314
y
0.254
0.286
0.315
0.282
S4
x
0.294
0.294
0.314
0.314
y
0.286
0.319
0.347
0.315
S5
x
0.314
0.314
0.334
0.334
y
0.282
0.315
0.343
0.311
S6
x
0.314
0.314
0.334
0.334
y
0.315
0.347
0.376
0.343
Tolerance on each Hue (x, y) bin is +/- 0.01.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com