Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSGT67K Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LSGT67K
Description  Multi TOPLED
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LSGT67K Datasheet(HTML) 4 Page - OSRAM GmbH

  LSGT67K Datasheet HTML 1Page - OSRAM GmbH LSGT67K Datasheet HTML 2Page - OSRAM GmbH LSGT67K Datasheet HTML 3Page - OSRAM GmbH LSGT67K Datasheet HTML 4Page - OSRAM GmbH LSGT67K Datasheet HTML 5Page - OSRAM GmbH LSGT67K Datasheet HTML 6Page - OSRAM GmbH LSGT67K Datasheet HTML 7Page - OSRAM GmbH LSGT67K Datasheet HTML 8Page - OSRAM GmbH LSGT67K Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
2016-10-04
4
LSG T67K
Kennwerte
Characteristics
(
T
S = 25 °C)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
super red
green
Wellenlänge des emittierten Lichtes
(typ.)
Wavelength at peak emission
I
F = 2 mA
λ
peak
643
572
nm
Dominantwellenlänge
4) Seite 18
(min.)
Dominant wavelength4) page 18
(typ.)
IF = 2 mA
(max.)
λ
dom
624
630
636
566
570
575
nm
nm
nm
Spektrale Bandbreite bei 50 % I
rel max
(typ.)
Spectral bandwidth at 50 % I
rel max
I
F = 2 mA
∆λ
16
22
nm
Abstrahlwinkel bei 50 % I
V (Vollwinkel)
(typ.)
Viewing angle at 50 % I
V
2
ϕ
120
120
Grad
deg.
Durchlassspannung5) Seite 18
(min.)
Forward voltage
5) page 18
(typ.)
IF = 2 mA
(max.)
V
F
VF
VF
1.70
1.80
2.20
1.70
1.80
2.20
V
V
V
Sperrstrom
2) Seite 18
(typ.)
Reverse current
2) page 18
(max.)
V
R = 12 V
IR
IR
0.01
10
0.01
10
µA
µA
Temperaturkoeffizient von
λ
peak
(typ.)
Temperature coefficient of
λ
peak
IF = 2 mA; –10°C ≤ T ≤ 100°C
TCλpeak
0.14
0.10
nm/K
Temperaturkoeffizient von
λ
dom
(typ.)
Temperature coefficient of
λ
dom
I
F = 2 mA; –10°C ≤ T ≤ 100°C
TCλdom
0.05
0.10
nm/K
Temperaturkoeffizient von V
F
(typ.)
Temperature coefficient of V
F
IF = 2 mA; –10°C ≤ T ≤ 100°C
TC
V
– 2.20
– 2.40
mV/K
Wärmewiderstand
Thermal resistance
Sperrschicht/Umgebung
3) Seite 18
(max.)
Junction/ambient
3) page 18
(max.)
Sperrschicht/Lötpad
(max.)
Junction/soldering point
(max.)
R
th JA
R
th JA
R
th JS
R
th JS
480 (one chip on)*
650 (two chips on)*
260 (one chip on)*
360 (two chips on)*
K/W
K/W
K/W
K/W
*R
th(max) basiert auf statistischen Werten
R
th(max) is based on statistic values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com