Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952802 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS952802
Description  Programmable Timing Control Hu for P4 processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952802 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS952802 Datasheet HTML 1Page - Integrated Circuit Systems ICS952802 Datasheet HTML 2Page - Integrated Circuit Systems ICS952802 Datasheet HTML 3Page - Integrated Circuit Systems ICS952802 Datasheet HTML 4Page - Integrated Circuit Systems ICS952802 Datasheet HTML 5Page - Integrated Circuit Systems ICS952802 Datasheet HTML 6Page - Integrated Circuit Systems ICS952802 Datasheet HTML 7Page - Integrated Circuit Systems ICS952802 Datasheet HTML 8Page - Integrated Circuit Systems ICS952802 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Integrated
Circuit
Systems, Inc.
ICS952802
Advance Information
0731—09/18/02
Pin Description
PIN #
PIN NAME
PIN TYPE
DESCRIPTION
1
VDDREF
PWR
Ref, XTAL power supply, nominal 3.3V
2
*FS0/REF0
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
3
**FS1/REF1
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
4
**FS2/REF2
I/O
Frequency select latch input pin / 14.318 MHz reference clock.
5
GNDREF
PWR
Ground pin for the REF outputs.
6
X1
IN
Crystal input,nominally 14.318MHz.
7
X2
OUT
Crystal output, nominally 14.318MHz.
8
GNDZ
PWR
Ground pin for the ZCLK outputs
9
ZCLK0
OUT
3.3V Hyperzip clock output.
10
ZCLK1
OUT
3.3V Hyperzip clock output.
11
VDDZ
PWR
Power supply for ZCLK clocks, nominal 3.3V
12
*PCI_STOP#/PCICLK8
I/O
Stops all PCICLKs besides the PCICLK_F clocks at logic 0 level, when input low. This
input is selected by IIC.
13
**FS3/PCICLK_F0
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
14
**FS4/PCICLK_F1
I/O
Frequency select latch input pin / 3.3V PCI free running clock output.
15
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
16
GNDPCI
PWR
Ground pin for the PCI outputs
17
PCICLK0
OUT
PCI clock output.
18
PCICLK1
OUT
PCI clock output.
19
PCICLK2
OUT
PCI clock output.
20
PCICLK3
OUT
PCI clock output.
21
PCICLK4
OUT
PCI clock output.
22
PCICLK5
OUT
PCI clock output.
23
GNDPCI
PWR
Ground pin for the PCI outputs
24
VDDPCI
PWR
Power supply for PCI clocks, nominal 3.3V
25
PCICLK6/SEL_Reset#*
I/O
PCI clock output / Latch input pin to select pin 48 function; 0 = Reset#. 1 = CPU_Stop#
26
PCICLK7/12MHz/SELPCI_12#**
I/O
PCICLK/12MHz clock output / Latched select input for PCI/12MHz output. 0 = 12MHz,
1 = PCICLK.
27
SDATA
I/O
Data pin for I2C circuitry 5V tolerant
28
GND48
PWR
Ground pin for the 48MHz outputs
29
24_48MHz/SEL24_48#*~
I/O
24/48MHz clock output / Latched select input for 24/48MHz output. 0=48MHz, 1 =
24MHz.
30
12_48MHz/SEL12_48#**
I/O
12/48MHz clock output / Latched select input for 24/48MHz output. 0=48MHz, 1 =
12MHz.
31
AVDD48
PWR
Power for 24/48MHz outputs and fixed PLL core, nominal 3.3V
32
SCLK
IN
Clock pin of I2C circuitry 5V tolerant
33
VDDAGP
PWR
Power supply for AGP clocks, nominal 3.3V
34
AGPCLK1
OUT
AGP clock output
35
AGPCLK0
OUT
AGP clock output
36
GNDAGP
PWR
Ground pin for the AGP outputs
37
PD#*
IN
Asynchronous active low input pin used to power down the device into a low power
state. The internal clocks are disabled and the VCO and the crystal are stopped. The
latency of the power down will not be greater than 3ms.
38
AVDD
PWR
3.3V Analog Power pin for Core PLL
39
AGND
PWR
Analog Ground pin for Core PLL
40
GNDCPU
PWR
Ground pin for the CPU outputs
41
CPUCLK8C0
OUT
"Complementary" clocks of differential 3.3V push-pull K8 pair.
42
CPUCLK8T0
OUT
"True" clocks of differential 3.3V push-pull K8 pair.
43
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
44
VDDCPU
PWR
Supply for CPU clocks, 3.3V nominal
45
CPUCLK8C1
OUT
"Complementary" clocks of differential 3.3V push-pull K8 pair.
46
CPUCLK8T1
OUT
"True" clocks of differential 3.3V push-pull K8 pair.
47
GNDCPU
PWR
Ground pin for the CPU outputs
48
CPU_STOP#/Reset#*
I/O
Slectable real time CPU_Stop# (Input) or Reset# (Output)
* Internal Pull-Up Resistor ** Internal Pull-Down Resistor ~ This Output has 1.5X Drive Strength



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com