Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952802 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS952802
Description  Programmable Timing Control Hu for P4 processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952802 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS952802 Datasheet HTML 2Page - Integrated Circuit Systems ICS952802 Datasheet HTML 3Page - Integrated Circuit Systems ICS952802 Datasheet HTML 4Page - Integrated Circuit Systems ICS952802 Datasheet HTML 5Page - Integrated Circuit Systems ICS952802 Datasheet HTML 6Page - Integrated Circuit Systems ICS952802 Datasheet HTML 7Page - Integrated Circuit Systems ICS952802 Datasheet HTML 8Page - Integrated Circuit Systems ICS952802 Datasheet HTML 9Page - Integrated Circuit Systems ICS952802 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
Integrated
Circuit
Systems, Inc.
ICS952802
Advance Information
0731—09/18/02
I
2C Table: Reserved Register
Control
Function
Bit 7
Reserved
Reserved
RW
-
-
1
Bit 6
Reserved
Reserved
RW
-
-
1
Bit 5
Reserved
Reserved
RW
-
-
1
Bit 4
Reserved
Reserved
RW
-
-
1
Bit 3
Reserved
Reserved
RW
-
-
1
Bit 2
Reserved
Reserved
RW
-
-
1
Bit 1
Reserved
Reserved
RW
-
-
1
Bit 0
Reserved
Reserved
RW
-
-
0
I
2C Table: Revision & Vendor ID Register
Control
Function
Bit 7
RID3
R
-
-
0
Bit 6
RID2
R
-
-
0
Bit 5
RID1
R
-
-
0
Bit 4
RID0
R
-
-
0
Bit 3
VID3
R
-
-
0
Bit 2
VID2
R
-
-
0
Bit 1
VID1
R
-
-
0
Bit 0
VID0
R
-
-
1
I
2C Table: Output Control Register
Control
Function
Bit 7
GSR_EN
Gear Shift Reset
Enable
RW
Disable
Enable
0
Bit 6
PCIFNSEL
PCI_Stop/PCI Select
RW
PCI_Stop#
PCICLK8
1
Bit 5
PD#_EN
PD# Pin Control
RW
Disable
Enable
1
Bit 4
12_48MHz
Output Control
RW
Disable
Enable
1
Bit 3
24_48MHz
Output Control
RW
Disable
Enable
1
Bit 2
REF2
Output Control
RW
Disable
Enable
1
Bit 1
REF1
Output Control
RW
Disable
Enable
1
Bit 0
REF0
Output Control
RW
Disable
Enable
1
I
2C Table: Output Control Register
Control
Function
Bit 7
AGPCLK1
Output Control
RW
Disable
Enable
1
Bit 6
AGPCLK0
Output Control
RW
Disable
Enable
1
Bit 5
12_48MHz
Output Select
RW
48MHz
12MHz
Latch
Bit 4
24_48MHz
Output Select
RW
48MHz
24MHz
Latch
Bit 3
PCICLK6
Output Control
RW
Disable
Enable
1
Bit 2
PCICLK7/12MHz
Output Control
RW
Disable
Enable
1
Bit 1
PCICLK8
Output Control
RW
Disable
Enable
1
Bit 0
Reserved
Reserved
RW
-
-
1
Name
Type
26
12
37
30
-
25
34
-
3
2
-
-
-
-
-
-
35
29
-
4
-
Byte 3
Pin #
-
-
-
-
Byte 0
Pin #
Name
-
Type
0
1
PWD
-
-
Byte 1
Pin #
1PWD
Name
Type
0
1
REVISION ID
VENDOR ID
PWD
-
PWD
-
-
Byte 2
Pin #
Name
Type
0
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com