Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS952802 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS952802
Description  Programmable Timing Control Hu for P4 processor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS952802 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS952802 Datasheet HTML 1Page - Integrated Circuit Systems ICS952802 Datasheet HTML 2Page - Integrated Circuit Systems ICS952802 Datasheet HTML 3Page - Integrated Circuit Systems ICS952802 Datasheet HTML 4Page - Integrated Circuit Systems ICS952802 Datasheet HTML 5Page - Integrated Circuit Systems ICS952802 Datasheet HTML 6Page - Integrated Circuit Systems ICS952802 Datasheet HTML 7Page - Integrated Circuit Systems ICS952802 Datasheet HTML 8Page - Integrated Circuit Systems ICS952802 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
Integrated
Circuit
Systems, Inc.
ICS952802
Advance Information
0731—09/18/02
Table1: Frequency Selection Table
Bit4
Bit3
Bit2
Bit1
Bit0
CPU
ZCLK
AGP
PCI
Spread
FS4
FS3
FS2
FS1
FS0
MHz
MHz
MHz
MHz
%
00
000
160.00
106.66
53.33
26.66
0.3% Center
0
0
0
0
1
200.00
133.33
66.67
33.33
0-0.5% Down
0
0
0
1
0
200.00
133.33
66.67
33.33
0.3% Center
0
0
0
1
1
200.00
160.00
66.67
33.33
0.3% Center
0
0
1
0
0
186.66
106.67
53.33
26.66
0.3% Center
0
0
1
0
1
233.33
133.33
66.67
33.33
0-0.5% Down
0
0
1
1
0
233.33
133.33
66.67
33.33
0.3% Center
0
0
1
1
1
233.33
155.55
66.67
33.33
0.3% Center
0
1
0
0
0
213.34
106.66
53.33
26.66
0.3% Center
0
1
0
0
1
266.67
133.33
66.67
33.33
0-0.5% Down
0
1
0
1
0
266.67
133.33
66.67
33.33
0.3% Center
0
1
0
1
1
266.67
160.00
66.67
33.33
0.3% Center
0
1
1
0
0
133.34
106.66
53.33
26.66
0.3% Center
0
1
1
0
1
166.67
133.33
66.67
33.33
0-0.5% Down
0
1
1
1
0
166.67
133.33
66.67
33.33
0.3% Center
0
1
1
1
1
166.67
166.66
66.67
33.33
0.3% Center
1
0
0
0
0
206.00
137.33
68.67
34.33
0.3% Center
1
0
0
0
1
210.00
140.00
70.00
35.00
0.3% Center
1
0
0
1
0
202.00
134.66
67.33
33.66
0.3% Center
1
0
0
1
1
202.00
161.60
67.33
33.66
0.3% Center
1
0
1
0
0
240.33
137.33
68.67
34.33
0.3% Center
1
0
1
0
1
245.00
140.00
70.00
35.00
0.3% Center
1
0
1
1
0
235.66
134.67
67.33
33.66
0.3% Center
1
0
1
1
1
235.66
157.11
67.33
33.66
0.3% Center
1
1
0
0
0
106.66
106.66
53.33
26.66
0.3% Center
1
1
0
0
1
133.33
133.33
66.67
33.33
0-0.5% Down
1
1
0
1
0
133.33
133.33
66.67
33.33
0.3% Center
1
1
0
1
1
133.33
177.77
66.67
33.33
0.3% Center
1
1
1
0
0
171.67
137.33
68.67
34.33
0.3% Center
1
1
1
0
1
175.00
140.00
70.00
35.00
0.3% Center
1
1
1
1
0
168.34
134.66
67.33
33.66
0.3% Center
1
1
1
1
1
168.34
168.33
67.33
33.66
0.3% Center



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com