Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60310 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60310
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60310 Datasheet(HTML) 1 Page - Texas Instruments

  TPS60310 Datasheet HTML 1Page - Texas Instruments TPS60310 Datasheet HTML 2Page - Texas Instruments TPS60310 Datasheet HTML 3Page - Texas Instruments TPS60310 Datasheet HTML 4Page - Texas Instruments TPS60310 Datasheet HTML 5Page - Texas Instruments TPS60310 Datasheet HTML 6Page - Texas Instruments TPS60310 Datasheet HTML 7Page - Texas Instruments TPS60310 Datasheet HTML 8Page - Texas Instruments TPS60310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Regulated 3-V or 3.3-V Output Voltage With
up to 20-mA Output Current From a
0.9-V to 1.8-V Input Voltage Range
D High Power Conversion Efficiency (up to
90%) Over Wide Output Current Range,
Optimized for 1.2-V Battery Voltage
D Snooze Mode for Improved Efficiency at
Low-Output Current
D Additional Output With 2 Times VI (OUT1)
D Device Quiescent Current Less Than 2 µA
D Supervisor Included; Open Drain or
Push-Pull Power Good Output
D No Inductors Required/Low EMI
D Only Five Small, 1-µF Ceramic Capacitors
Required
D Microsmall 10-Pin MSOP Package
applications
D Pagers
D Battery-Powered Toys
D Portable Measurement Instruments
D Home Automation Products
D Medical Instruments (Like Hearing
Instruments)
D Metering Applications Using MSP430
Microcontroller
D Portable Smart Card Readers
description
The TPS6031X step-up, regulated charge pumps
generate a 3-V
±4% or 3.3-V ±4% output voltage
from a 0.9-V to 1.8-V input voltage (one alkaline,
NiCd, or NiMH battery).
Only five small 1-
µF ceramic capacitors are required to build a complete high-efficiency dc/dc charge pump
converter. To achieve the high efficiency over a wide input voltage range, the charge pump automatically selects
between a 3x or 4x conversion mode.
typical application circuit
24
8
7
C1F
1
µF
C2F
1
µF
OUT1
C1–
C1+
C2–
C2+
5
+
C(OUT1)
1
µF
2
× IN
Max 40 mA
OUT2
6
+
C(OUT2)
1
µF
3.3 V
±4%
Max 20 mA
R
10
PG
VIN
3
CIN
1
µF
INPUT
0.9 V to 1.8 V
1
SNOOZE
ON/OFF
GND
9
TPS60310
+
0
10
20
30
40
50
60
70
80
90
0.001
0.01
0.1
1
EFFICIENCY
vs
OUTPUT CURRENT (OUT2)
10
100
Snooze Mode
Normal Mode
IO – Output Current (OUT2) – mA
VI = 1.3 V
Snooze mode improves efficiency at an output current
in the range of 1
µA to 100 µA.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
ACTUAL SIZE
3,05 mm x 4,98 mm
1
2
3
4
5
10
9
8
7
6
SNOOZE
C1–
VIN
C1+
OUT1
PG
GND
C2–
C2+
OUT2
DGS PACKAGES
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TPS60310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60310 TI-TPS60310 Datasheet
513Kb / 24P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310 TI2-TPS60310 Datasheet
778Kb / 28P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
REVISED AUGUST 2001
TPS60310DGS TI-TPS60310DGS Datasheet
513Kb / 24P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60310DGS TI2-TPS60310DGS Datasheet
778Kb / 28P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
REVISED AUGUST 2001
TPS60310DGS.B TI2-TPS60310DGS.B Datasheet
778Kb / 28P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
REVISED AUGUST 2001
More results

Similar Description - TPS60310

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60120 TI-TPS60120 Datasheet
561Kb / 27P
REGULATED 3.3 V, 200-mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60130 TI-TPS60130 Datasheet
476Kb / 23P
REGULATED 5-V, 300 mA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60300 TI-TPS60300 Datasheet
367Kb / 22P
SINGLE-CELL TO 3.0-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP
TPS60130 TI-TPS60130_15 Datasheet
1Mb / 29P
REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
TPS60150 5-V, 140-mA Charge-Pump
TPS60300 TI-TPS60300_15 Datasheet
1Mb / 25P
TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60310 TI-TPS60310_15 Datasheet
513Kb / 24P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
TPS60130 TI1-TPS60130_16 Datasheet
1Mb / 29P
REGULATED 5-V,300 MA HIGH EFFICIENCY CHARGE PUMP DC/DC CONVERTERS
TPS60300 TI1-TPS60300_16 Datasheet
1Mb / 25P
TPS6030x Single-Cell to 3-V or 3.3-V, 20-mA Dual Output, High-Efficiency Charge Pump
TPS60210 TI1-TPS60210_17 Datasheet
1,011Kb / 26P
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT, HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com