Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60310 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60310
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60310 Datasheet(HTML) 2 Page - Texas Instruments

  TPS60310 Datasheet HTML 1Page - Texas Instruments TPS60310 Datasheet HTML 2Page - Texas Instruments TPS60310 Datasheet HTML 3Page - Texas Instruments TPS60310 Datasheet HTML 4Page - Texas Instruments TPS60310 Datasheet HTML 5Page - Texas Instruments TPS60310 Datasheet HTML 6Page - Texas Instruments TPS60310 Datasheet HTML 7Page - Texas Instruments TPS60310 Datasheet HTML 8Page - Texas Instruments TPS60310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Output 1 (OUT1) can deliver a maximum of 40 mA, from a 1-V input, with output 2 (OUT2) not loaded. OUT2
can deliver a maximum of 20 mA, from a 1-V input, with OUT1 not loaded. Both outputs can be loaded at the
same time, but the total output current of the first voltage doubler must not exceed 40 mA. For example, the load
at OUT1 is 20 mA and the load at output 2 is 10 mA.
In snooze mode, the devices operate with a typical operating current of 2
µA, while the output voltage is
maintained at 3.3 V
±10% or 3 V ±10%, respectively. This is lower than the self-discharge current of most
batteries. Load current in snooze mode is limited to 2 mA. If the load current increases above 2 mA, the output
voltage drops further and the devices automatically exits the snooze mode and operate in normal mode to
regulate to the nominal output voltage with higher output currents. The device is set into the snooze mode by
taking the SNOOZE pin low, and is set into normal operating mode by taking the SNOOZE pin high.
A power-good function supervises the output voltage of OUT2 and can be used for power up and power down
sequencing. Power-good (PG) is offered as either open-drain or push-pull output.
AVAILABLE OPTIONS
PART
NUMBER†
MARKING DGS
PACKAGE
OUTPUT
CURRENT 1
[mA]‡
OUTPUT
CURRENT 2
[mA]§
OUTPUT
VOLTAGE 1
[V]
OUTPUT
VOLTAGE 2
[V]
FEATURE
TPS60310DGS
ATG
40
20
2 x VIN
3.3
Open-drain power-good output
TPS60311DGS
ATI
40
20
2 x VIN
3
Open-drain power-good output
TPS60312DGS
ATK
40
20
2 x VIN
3.3
Push-pull power-good output
TPS60313DGS
ATL
40
20
2 x VIN
3
Push-pull power-good output
† The DGS package is available taped and reeled. Add R suffix to device type (e.g. TPS60310DGSR) to order quantities of 2500 devices per reel.
‡ If OUT2 is not loaded.
§ If OUT1 is not loaded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com