Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS60310 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60310
Description  SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60310 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TPS60310 Datasheet HTML 12Page - Texas Instruments TPS60310 Datasheet HTML 13Page - Texas Instruments TPS60310 Datasheet HTML 14Page - Texas Instruments TPS60310 Datasheet HTML 15Page - Texas Instruments TPS60310 Datasheet HTML 16Page - Texas Instruments TPS60310 Datasheet HTML 17Page - Texas Instruments TPS60310 Datasheet HTML 18Page - Texas Instruments TPS60310 Datasheet HTML 19Page - Texas Instruments TPS60310 Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
TPS60310, TPS60311, TPS60312, TPS60313
SINGLE-CELL TO 3-V/3.3-V, 20-mA DUAL OUTPUT,
HIGH-EFFICIENCY CHARGE PUMP WITH SNOOZE MODE
SLVS362A – MAY 2001 – REVISED AUGUST 2001
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
layout and board space (continued)
EN
GND
OUT1
OUT2
9,8 mm
0 mm
7,62 mm
0 mm
GND
VIN
PG
Figure 26. Recommended PCB Layout for TPS6031X (top layer)
device family products
Other charge pump dc-dc converters in this family are:
Table 5. Product Identification
PART
NUMBER
DESCRIPTION
TPS60100
2-cell to regulated 3.3-V, 200-mA low-noise charge pump
TPS60101
2-cell to regulated 3.3-V, 100-mA low-noise charge pump
TPS60110
3-cell to regulated 5-V, 300-mA low-noise charge pump
TPS60111
3-cell to regulated 5-V, 150-mA low-noise charge pump
TPS60120
2-cell to regulated 3.3-V, 200-mA high-efficiency charge pump with low-battery comparator
TPS60121
2-cell to regulated 3.3-V, 200-mA high-efficiency charge pump with power-good comparator
TPS60122
2-cell to regulated 3.3-V, 100-mA high-efficiency charge pump with low-battery comparator
TPS60123
2-cell to regulated 3.3-V, 100-mA high-efficiency charge pump with power-good comparator
TPS60124
2-cell to regulated 3-V, 200-mA high-efficiency charge pump with low-battery comparator
TPS60125
2-cell to regulated 3-V, 200-mA high-efficiency charge pump with power-good comparator
TPS60130
3-cell to regulated 5-V, 300-mA high-efficiency charge pump with low-battery comparator
TPS60131
3-cell to regulated 5-V, 300-mA high-efficiency charge pump with power-good comparator
TPS60132
3-cell to regulated 5-V, 150-mA high-efficiency charge pump with low-battery comparator
TPS60133
3-cell to regulated 5-V, 150-mA high-efficiency charge pump with power-good comparator
TPS60140
2-cell to regulated 5-V, 100-mA charge pump voltage tripler with low-battery comparator
TPS60141
2-cell to regulated 5-V, 100-mA charge pump voltage tripler with power-good comparator
TPS60200
2-cell to regulated 3.3-V, 100-mA low-ripple charge pump with low-battery comparator in MSOP10
TPS60201
2-cell to regulated 3.3-V, 100-mA low-ripple charge pump with power-good comparator in MSOP10
TPS60202
2-cell to regulated 3.3-V, 50-mA low-ripple charge pump with low-battery comparator in MSOP10
TPS60203
2-cell to regulated 3.3-V, 50-mA low-ripple charge pump with power-good comparator in MSOP10
TPS60210
2-cell to regulated 3.3-V, 100-mA low-ripple charge pump with ultralow operating current and low-battery comparator in MSOP10
TPS60211
2-cell to regulated 3.3-V, 100-mA low-ripple charge pump with ultralow operating current and power-good comparator in MSOP10
TPS60212
2-cell to regulated 3.3-V, 100-mA low-ripple charge pump with ultralow operating current and low-battery comparator in MSOP10
TPS60213
2-cell to regulated 3.3-V, 50-mA low-ripple charge pump with ultralow operating current and power-good comparator in MSOP10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com