Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDI565047-R12F Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDI565047-R12F
Description  WIREWOUND CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI565047-R12F Datasheet(HTML) 3 Page - Superworld Electronics

  SDI565047-R12F Datasheet HTML 1Page - Superworld Electronics SDI565047-R12F Datasheet HTML 2Page - Superworld Electronics SDI565047-R12F Datasheet HTML 3Page - Superworld Electronics SDI565047-R12F Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
28.02.2015
PG. 3
Cover tape
250mm Min.
Tape leader
388mm Min.
Tape trailer
160mm Min.
6-2. Quantity & G.W. per package
SDI565047
SERIES
OUTER : CARTON
G.W. (Kg)
G.W. (Kg)
0.78
1000
Q'TY (PCS)
16000
Q'TY (PCS)
INNER : REEL
SIZE (cm)
36 x 36 x 40
16
Components
Direction of feed
SDI565047 SERIES
WIREWOUND CHIP INDUCTORS
6-1. Reel & Tape Dimension
6. PACKAGING INFORMATION : ( Unit : mm )
330
13± 1
2.5± 0.5
23± 1
-0.00
+0.10
1.50
4± 0.1
12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com