Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDI565047-R12F Datasheet(PDF) 1 Page - Superworld Electronics

Part # SDI565047-R12F
Description  WIREWOUND CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI565047-R12F Datasheet(HTML) 1 Page - Superworld Electronics

  SDI565047-R12F Datasheet HTML 1Page - Superworld Electronics SDI565047-R12F Datasheet HTML 2Page - Superworld Electronics SDI565047-R12F Datasheet HTML 3Page - Superworld Electronics SDI565047-R12F Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Inductance code : R12 = 0.12uH
(a) Series code
2. CONFIGURATION & DIMENSIONS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(d) Tolerance code : K = ± 10%, M = ± 20%
(e) F : RoHS Compliant
SDI565047 SERIES
WIREWOUND CHIP INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
28.02.2015
S D I 5 6 5 0 4 7 - R 1 2 M F
4. GENERAL SPECIFICATION :
2
3. SCHEMATIC :
1
B
A
5.7± 0.3
5.0± 0.3
A
E
CH
F
4.7± 0.3
1.3 Min.
5.0 Ref.
1.7 Min.
J
I
2.0 Ref.
2.0 Ref.
Unit:m/m
F
B
E
I
I
J
PCB Pattern
E
a) Operating temp. : -30° C to +105° C
b) Storage condition (component in its packaging)
i) Temperature : -10 to 40° C
ii) Humidity : 60%


Similar Part No. - SDI565047-R12F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDI565047-R12F SUPERWORLD-SDI565047-R12F Datasheet
334Kb / 7P
WIREWOUND CHIP INDUCTORS
More results

Similar Description - SDI565047-R12F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
Wirewound Chip Inductors
logo
Superworld Electronics
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP Datasheet
255Kb / 6P
WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
WIREWOUND CHIP INDUCTORS
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com