Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDI565047-R12F Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDI565047-R12F
Description  WIREWOUND CHIP INDUCTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI565047-R12F Datasheet(HTML) 4 Page - Superworld Electronics

  SDI565047-R12F Datasheet HTML 1Page - Superworld Electronics SDI565047-R12F Datasheet HTML 2Page - Superworld Electronics SDI565047-R12F Datasheet HTML 3Page - Superworld Electronics SDI565047-R12F Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
28.02.2015
PG. 4
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
SDI565047 SERIES
WIREWOUND CHIP INDUCTORS
6-3. Tearing Off Force
Base tape
a) Recommended products should be used within 12 months from the time of delivery.
b) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
To maintain the solderabililty of terminal electrodes :
1. Storage Conditions :
Application Notice
2. Transportation :
Top cover tape
165° to 180°
F
Tearing Speed
in the arrow direction under the following conditions.
The force for tearing off cover tape is 15 to 80 grams
45~85
5~35
860~1060
Room Humidity
(° C)
Room Temp.
(%)
(hPa)
Room atm
300
(mm/min)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com