Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304 Datasheet(PDF) 32 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 28Page - Analog Devices ADATE304 Datasheet HTML 29Page - Analog Devices ADATE304 Datasheet HTML 30Page - Analog Devices ADATE304 Datasheet HTML 31Page - Analog Devices ADATE304 Datasheet HTML 32Page - Analog Devices ADATE304 Datasheet HTML 33Page - Analog Devices ADATE304 Datasheet HTML 34Page - Analog Devices ADATE304 Datasheet HTML 35Page - Analog Devices ADATE304 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
ADATE304
Data Sheet
Rev. C | Page 32 of 51
0.0020
0.0015
0.0010
0.0005
0
–0.0005
–2
–1
0
1
2
3
4
5
7
6
VDUTx (V)
Figure 57. PMU FI Range E Output Current Error at +2 μA vs. Output Voltage;
Output Voltage Is Pulled Externally
0.5
0.4
0.3
0.2
0.1
0
–0.1
–2
–1
0
1
2
3
4
5
VDUTx (V)
Figure 58. PMU Measure Current Range B CMRR,
Externally Pulling 1 mA, FVMI
(1ns/DIV)
C1
Figure 59. Eye Diagram, 200 Mbps, PRBS31; VH = 1.0 V, VL = 0.0 V
(500ps/DIV)
C1
Figure 60. Eye Diagram, 400 Mbps, PRBS31; VH = 1.0 V, VL = 0.0 V
(200ps/DIV)
C1
Figure 61. Eye Diagram, 600 Mbps, PRBS31; VH = 1.0 V, VL = 0.0 V
(500ps/DIV)
C1
Figure 62. Eye Diagram, 400 Mbps, PRBS31; VH = 2.0 V, VL = 0.0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com