Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304 Datasheet(PDF) 13 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 9Page - Analog Devices ADATE304 Datasheet HTML 10Page - Analog Devices ADATE304 Datasheet HTML 11Page - Analog Devices ADATE304 Datasheet HTML 12Page - Analog Devices ADATE304 Datasheet HTML 13Page - Analog Devices ADATE304 Datasheet HTML 14Page - Analog Devices ADATE304 Datasheet HTML 15Page - Analog Devices ADATE304 Datasheet HTML 16Page - Analog Devices ADATE304 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 13 of 51
Parameter
Min
Typ
Max
Unit
Test
Level
Test Conditions/Comments
FORCE CURRENT (FI)
VDUTx externally forced to 0.0V, unless otherwise specified, ideal
force current transfer function: IFORCE = (PMUDAC − 2.5) × (FSR/5)
Force Current, DUTx Pin Voltage
Range for All Ranges
−1.25
+6.75
V
D
Force Current Uncalibrated
Accuracy
Range A
−5.0
±0.5
+5.0
mA
P
PMU enabled, FIMI, Range A, PE disabled, error at calibration
points of −25 mA and +25 mA
Range B
−400
±40
+400
µA
P
PMU enabled, FIMI, Range B, PE disabled, error at calibration
points of −1.6 mA and 1.6 mA
Range C
−40
±4
+40
µA
P
PMU enabled, FIMI, Range C, PE disabled, error at calibration
points of ±80% FS
Range D
−4
±0.4
+4
µA
P
PMU enabled, FIMI, Range D, PE disabled, error at calibration
points of ±80% FS
Range E
−400
±75
+400
nA
P
PMU enabled, FIMI, Range E, PE disabled, error at calibration
points of ±80% FS
Force Current Offset Tempco
Range A
±1
µA/°C
CT
Measured at calibration points
Range B
±80
nA/°C
CT
Measured at calibration points
Range C to Range E
±4
nA/°C
CT
Measured at calibration points
Forced Current Gain Error,
Nominal Gain = 1
−20
±4
+20
%
P
PMU enabled, FIMI, PE disabled, gain error from calibration
points of ±80% FS
Forced Current Gain Tempco
Measured at calibration points
Range A
−500
ppm/°C
CT
Range B to Range E
±75
ppm/°C
CT
Force Current INL
Range A
−0.3
±0.05
+0.3
%FSR
P
PMU enabled, FIMI, Range A, PE disabled, after two-point
gain/offset calibration; measured over FSR output of −32 mA
to +32 mA
Range B to Range E
−0.2
±0.015
+0.2
%FSR
P
PMU enabled, FIMI, PE disabled, after two-point gain/offset
calibration; measured over FSR output
Force Current Compliance vs.
Voltage Load
PMU enabled, FIMV, PE disabled; force positive full-scale
current driving −1.25 V and +6.75 V, measure ∆I @ DUTx pin;
force negative full-scale current driving −1.25 V and +6.75 V,
measure ∆I @ DUTx pin
Range A to Range D
−0.6
±0.06
+0.6
%FSR
P
Range E
−1.0
±0.1
+1.0
%FSR
P
MEASURE VOLTAGE
Measure Voltage Range
−1.25
+6.75
V
D
Measure Voltage Uncalibrated
Accuracy
−25
±2.0
+25
mV
P
PMU enabled, FVMV, Range B, PE disabled, error at calibration
points of 0 V and 5 V, error = (VMEASOUT01 − VDUTx)
Measure Voltage Offset Tempco
±10
µV/°C
CT
Measured at calibration points
Measure Voltage Gain Error
−0.2
±0.01
+0.2
%
P
PMU enabled, FVMV, Range B, PE disabled, gain error from
calibration points of 0 V and 5 V
Measure Voltage Gain Tempco
25
ppm/°C
CT
Measured at calibration points
Measure Voltage INL
−7
±1
+7
mV
P
PMU enabled, FVMV, Range B, PE disabled, after two-point
gain/offset calibration; measured over output range of −1.25 V
to +6.75 V
Rejection of Measure V vs. IDUTx
−1.5
±0.1
+1.5
mV
P
PMU enabled, FVMV, Range D, PE disabled, force 0 V into load
of −10 µA and +10 µA; measure ∆V reported at MEASOUT01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com