Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADATE304 Datasheet(PDF) 21 Page - Analog Devices

Part # ADATE304
Description  200 MHz Dual Integrated DCL
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE304 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADATE304 Datasheet HTML 17Page - Analog Devices ADATE304 Datasheet HTML 18Page - Analog Devices ADATE304 Datasheet HTML 19Page - Analog Devices ADATE304 Datasheet HTML 20Page - Analog Devices ADATE304 Datasheet HTML 21Page - Analog Devices ADATE304 Datasheet HTML 22Page - Analog Devices ADATE304 Datasheet HTML 23Page - Analog Devices ADATE304 Datasheet HTML 24Page - Analog Devices ADATE304 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Data Sheet
ADATE304
Rev. C | Page 21 of 51
Table 16. Pin Function Descriptions
Pin No.
Mnemonic
Description
A1
TEMPSENSE
Temperature Sense Output
A2
PMUS_CH1
PMU External Sense Path Channel 1
A3
VSSO_1 (Drive)
Driver Output Supply (−5.0 V) Channel 1
A4
DUT1
Device Under Test Channel 1
A5
VDDO_1 (Drive)
Driver Output Supply (+10.75 V) Channel 1
A6
VDDO_0 (Drive)
Driver Output Supply (+10.75 V) Channel 0
A7
DUT0
Device Under Test Channel 0
A8
VSSO_0 (Drive)
Driver Output Supply (−5.0 V) Channel 0
A9
PMUS_CH0
PMU External Sense Path Channel 0
A10
HVOUT
High Voltage Driver Output
B1
VDD/VDD_TMPSNS
Temperature Sense Supply (+10.75 V)
B2
SCAP1
PMU Stability Capacitor Connection Channel 1 (330 pF)
B3
VSS
Supply (−5.0 V)
B4
AGND
Analog Ground
B5
VDD
Supply (+10.75 V)
B6
VDD
Supply (+10.75 V)
B7
AGND
Analog Ground
B8
VSS
Supply (−5.0 V)
B9
SCAP0
PMU Stability Capacitor Connection Channel 0 (330 pF)
B10
VPLUS
Supply (+16.75 V)
C1
FFCAP_1B
PMU Feedforward Capacitor Connection B Channel 1 (220 pF)
C2
AGND
Analog Ground
C3
DATA1N
Driver Data Input (Negative) Channel 1
C4
VSS
Supply (−5.0 V)
C5
VDD
Supply (+10.75 V)
C6
VDD
Supply (+10.75 V)
C7
VSS
Supply (−5.0 V)
C8
DATA0N
Driver Data Input (Negative) Channel 0
C9
AGND
Analog Ground
C10
FFCAP_0B
PMU Feedforward Capacitor Connection B Channel 0 (220 pF)
D1
OVD_CH1
Overvoltage Detection Flag Output Channel 1
D2
VDD
Supply (+10.75 V)
D3
DATA1P
Driver Data Input (Positive) Channel 1
D8
DATA0P
Driver Data Input (Positive) Channel 0
D9
VDD
Supply (+10.75 V)
D10
OVD_CH0
Overvoltage Detection Flag Output Channel 0
E1
FFCAP_1A
PMU Feedforward Capacitor Connection A Channel 1 (220 pF)
E2
VSS
Supply (−5.0 V)
E3
RCV1N
Receive Data Input (Negative) Channel 1
E8
RCV0N
Receive Data Input (Negative) Channel 0
E9
VSS
Supply (−5.0 V)
E10
FFCAP_0A
PMU Feedforward Capacitor Connection A Channel 0 (220 pF)
F1
AGND
Analog Ground
F2
AGND
Analog Ground
F3
RCV1P
Receive Data Input (Positive) Channel 1
F8
RCV0P
Receive Data Input (Positive) Channel 0
F9
AGND
Analog Ground
F10
AGND
Analog Ground
G1
COMP_QL1P
Low-Side Comparator Output (Positive) Channel 1
G2
COMP_QL1N
Low-Side Comparator Output (Negative) Channel 1
G3
COMP_VTT1
Comparator Supply Termination Channel 1
G8
COMP_VTT0
Comparator Supply Termination Channel 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com