Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT136/08 Datasheet(PDF) 6 Page - International Rectifier

Part # IRKT136/08
Description  THYRISTOR/DIODE and THYRISTOR/THYRISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT136/08 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRKT136/08 Datasheet HTML 2Page - International Rectifier IRKT136/08 Datasheet HTML 3Page - International Rectifier IRKT136/08 Datasheet HTML 4Page - International Rectifier IRKT136/08 Datasheet HTML 5Page - International Rectifier IRKT136/08 Datasheet HTML 6Page - International Rectifier IRKT136/08 Datasheet HTML 7Page - International Rectifier IRKT136/08 Datasheet HTML 8Page - International Rectifier IRKT136/08 Datasheet HTML 9Page - International Rectifier IRKT136/08 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRK.136, .142, .162 Series
6
Bulletin I27117 rev. C 03/02
www.irf.com
025
5 0
7 5
1 0 0
1 2 5
Maximum Allo w ab le Am bient Te m p era ture ( C )
0.0
8
K/
W
0.1
2
K/W
0.2
K/W
0.35
K/W
0.6 K /W
025
5 0
7 5
1 00
1 2 5
M axim um A llo w ab le Am bient Tem pera ture ( C )
0 .1
6
K
/W
0 .4
K/W
0.2
5
K/W
0.6 K
/W
1 K/W
0
2 55 07 5
1 00
1 25
M a x im u m Allo w a b le Am bien t Tem p e ra tu re ( C )
0.0
8
K/
W
0.1
K /W
0.16
K /W
0.25
K /W
0 .4 K /W
1 K /W
Fig.7 - On State Power Loss Characteristics
Fig.8 - On State Power Loss Characteristics
Fig.9- On State Power Loss Characteristics
0
30 0
60 0
90 0
12 0 0
15 0 0
0
10 0
20 0
3 00
4 00
To ta l O u tp u t C u rre nt (A )
120
(Rec t)
3 x IR K.136.. S erie s
Th ree Ph a se B rid g e
C o nnected
T
= 1 2 5 C
J
0
50
100
150
200
250
300
350
400
450
0
5 0
100
150
200
250
300
180
120
90
60
30
To ta l R M S O ut p ut C urre n t (A )
Conductio n An gle
IRK .136.. Se rie s
Pe r M o dule
T = 12 5 C
J
0
10 0
20 0
30 0
40 0
50 0
60 0
70 0
80 0
90 0
10 00
0
5 5
110
16 5
2 2 0
27 5
To tal O utp ut C urre nt (A)
2 x IRK.136.. Series
Single P hase Brid ge
C o nnected
T
= 125 C
J
180
(Sin e )
180
(Re ct)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com