Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT136/08 Datasheet(PDF) 8 Page - International Rectifier

Part # IRKT136/08
Description  THYRISTOR/DIODE and THYRISTOR/THYRISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT136/08 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRKT136/08 Datasheet HTML 4Page - International Rectifier IRKT136/08 Datasheet HTML 5Page - International Rectifier IRKT136/08 Datasheet HTML 6Page - International Rectifier IRKT136/08 Datasheet HTML 7Page - International Rectifier IRKT136/08 Datasheet HTML 8Page - International Rectifier IRKT136/08 Datasheet HTML 9Page - International Rectifier IRKT136/08 Datasheet HTML 10Page - International Rectifier IRKT136/08 Datasheet HTML 11Page - International Rectifier IRKT136/08 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
IRK.136, .142, .162 Series
8
Bulletin I27117 rev. C 03/02
www.irf.com
02 5
50
75
10 0
12 5
M axim um Allo w a ble Am bient Tem perature ( C )
1 K /W
0.6
K/W
0.4
K /W
0.2
5
K/
W
02 5
5 0
7 5
10 0
12 5
M axim um A llo w ab le Am bie nt Temperature ( C )
0.0
6
K /W
0.08
K/W
0.1
K /W
0.16 K/W
0.2 K/W
02 5
50
75
10 0
12 5
M axim um Allo w a ble Am bient Tem perature ( C )
0.6 K/W
0 .25
K /W
0.16
K /W
0.
1 2
K/W
0.0
8
K/
W
Fig.16 - On State Power Loss Characteristics
Fig.17 - On State Power Loss Characteristics
Fig.18- On State Power Loss Characteristics
0
100
200
300
400
0
5 0
100
150
200
250
300
To ta l R M S O utp ut C urre n t (A )
Co nd uc tio n A n g le
IRK .142.. Se rie s
Per M o dule
T
= 125 C
J
180
120
90
60
30
0
20 0
40 0
60 0
80 0
100 0
0
1 00
200
3 00
To ta l O u tp ut C u rre nt (A )
180
(Sin e )
180
(Re ct)
2 x IR K.142.. S e ries
Sin g le P h a se Brid g e
C o nnected
T
= 12 5 C
J
0
400
800
12 0 0
16 0 0
0
5 0 100 1 5 0 20 0 25 0 300 35 0 4 00 45 0
To tal O utp ut C urre nt (A)
120
(Rec t)
3 x IRK.142.. Series
Three P hase Brid g e
Connected
T
= 125 C
J



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com