Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKT136/08 Datasheet(PDF) 12 Page - International Rectifier

Part # IRKT136/08
Description  THYRISTOR/DIODE and THYRISTOR/THYRISTOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT136/08 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRKT136/08 Datasheet HTML 4Page - International Rectifier IRKT136/08 Datasheet HTML 5Page - International Rectifier IRKT136/08 Datasheet HTML 6Page - International Rectifier IRKT136/08 Datasheet HTML 7Page - International Rectifier IRKT136/08 Datasheet HTML 8Page - International Rectifier IRKT136/08 Datasheet HTML 9Page - International Rectifier IRKT136/08 Datasheet HTML 10Page - International Rectifier IRKT136/08 Datasheet HTML 11Page - International Rectifier IRKT136/08 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
IRK.136, .142, .162 Series
12
Bulletin I27117 rev. C 03/02
www.irf.com
Fig. 34 - Gate Characteristics
0.1
1
10
100
0.0 0 1
0.0 1
0 .1
1
1 0
1 00
100 0
(b )
(a )
R ec ta n gu la r ga te p u lse
(4)
(3 ) (2)
(1)
a)R e c o m m en d e d lo a d lin e fo r
b )R e c o m m en d e d lo a d lin e fo r
VG D
IG D
(1) PG M = 200 W , tp = 300 s
(2) PG M = 60 W , tp = 1 m s
(3) PG M = 30 W , tp = 2 m s
(4) PG M = 12 W , tp = 5 m s
< = 30% ra ted d i/d t: 15 V , 40 o h m s
tr = 1
s, tp >= 6
s
ra ted d i/d t: 20 V , 20 o h m s
tr = 0.5
s, tp > = 6
s
IR K.136 ..142..162.. Se ries
Fre que n c y Lim ite d by PG (AV )
In stan ta n eous G a te C urren t (A )
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7309
Visit us at www.irf.com for sales contact information. 03/02
Data and specifications subject to change without notice.
This product has been designed and qualified for Multiple Level.
Qualification Standards can be found on IR's Web site.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com