Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93V855 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS93V855
Description  DDR Phase Lock Loop Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93V855 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS93V855 Datasheet HTML 1Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 2Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 3Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 4Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 5Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 6Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 7Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 8Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
ICS93V855
0497B—06/01/04
DC Electrical Characteristics
TA = 0°C to +85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VDDQ, AVDD
2.3
2.5
2.7
V
Low level input voltage
VIL
CLK_INT, CLK_INC, FB_INC,
FB_INT
0.4
VDD/2 - 0.18
V
High level input voltage
VIH
CLK_INT, CLK_INC, FB_INC,
FB_INT
VDD/2 + 0.18
2.1
V
DC input signal voltage (note
1,2)
VIN
-0.3
VDD + 0.3
V
Differential input signal
voltage (note 3)
VID
CLK_INT, CLK_INC, FB_INC,
FB_INT
0.36
VDD + 0.6
V
Differential output voltage
(note 3)
VOD
CLK_INT, CLK_INC, FB_INC,
FB_INT
0.7
VDD + 0.6
V
Output differential cross-
voltage (note 4)
VOX
VDD/2 - 0.15
VDD/2 + 0.15
V
Input differential cross-
voltage (note 4)
VIX
VDD/2 - 0.2
VDD/2
VDD/2 + 0.2
V
Operating free-air
temperature
TA
085
°C
Notes:
1
2
3
4
Differential input signal voltage specifies the differential voltage [VTR-VCP] required for switching,
where VTR is the true input level and VCP is the complementary input level.
Differential cross-point voltage is expected to track variations of VDD and is the voltage at which the
differential signal must be crossing.
Unused inputs must be held high or low to prevent them from floating.
DC input signal voltage specifies the allowable DC excursion of differential input.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com