Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93V855 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS93V855
Description  DDR Phase Lock Loop Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93V855 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS93V855 Datasheet HTML 1Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 2Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 3Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 4Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 5Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 6Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 7Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 8Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
ICS93V855
0497B—06/01/04
Switching Characteristics
TA = 0°C to +85°C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Max clock frequency
3
freqop
33
233
MHz
Application Frequency
Range
3
freqApp
60
170
MHz
Input clock duty cycle
dtin
40
60
%
Input clock slew rate
tsl(I)
12
v/ns
CLK stabilization
TSTAB
100
µs
Low-to high level propagation
delay time
tPLH
1
CLK_IN to any output
5.5
ns
High-to low level propagation
delay time
tPHL
1
CLK_IN to any output
5.5
ns
Output enable time
ten
PD# to any output
5
ns
Output disable time
tdis
PD# to any output
5
ns
Period jitter
tjit (per)
-75
75
ps
Half-period jitter
tjit(hper)
-100
100
ps
Output clock slew rate
tsl(o)
12
v/ns
Cycle to Cycle Jitter
tcyc-tcyc
-75
75
ps
Phase error
4
t(phase error)
-50
50
ps
Output to Output Skew
tskew
40
60
ps
Rise Time, Fall Time
tr, tf
Load = 120
Ω/16pF
650
800
950
ps
Over the application
frequency range
Notes:
1.
2.
3.
4. Does not include jitter.
Switching characteristics are guaranteed for application frequency range. The PLL
Locks over the Max Clock Frequency range, but the device doe not necessarily
meet other timing parameters.
Refers to transition on noninverting output in PLL bypass mode.
While the pulse skew is almost constant over frequency, the duty cycle error
increases at higher frequencies. This is due to the formula: duty cycle=twH/tc,
were the cycle (tc) decreases as the frequency goes up.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com