Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93V855 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS93V855
Description  DDR Phase Lock Loop Clock Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93V855 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS93V855 Datasheet HTML 1Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 2Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 3Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 4Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 5Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 6Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 7Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 8Page - Integrated Circuit Systems ICS93V855 Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Integrated
Circuit
Systems, Inc.
ICS93V855
0497B—06/01/04
Block Diagram
DDR Phase Lock Loop Clock Driver
Pin Configuration
Recommended Application:
DDR Clock Driver
Product Description/Features:
Low skew, low jitter PLL clock driver
External feedback pins for input to output
synchronization
Spread Spectrum tolerant inputs
With bypass mode mux
Operating frequency 60 to 170 MHz
Switching Characteristics:
CYCLE - CYCLE jitter:<75ps
OUTPUT - OUTPUT skew: <60ps
Output Rise and Fall Time: 650ps - 950ps
PLL
FB_INT
FB_INC
CLK_INC
CLK_INT
AVDD2.5
Control
Logic
FB_OUTT
FB_OUTC
DDRT0
DDRT1
DDRT2
DDRT3
DDRT4
DDRC0
DDRC1
DDRC2
DDRC3
DDRC4
Functionality
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
AT
N
I
_
K
L
CC
N
I
_
K
L
CT
R
D
DC
R
D
DT
T
U
O
_
B
FC
T
U
O
_
B
F
D
N
GL
H
L
H
L
H
f
f
O
/
d
e
s
s
a
p
y
B
D
N
GH
L
H
L
H
L
f
f
O
/
d
e
s
s
a
p
y
B
V
5
.
2
)
m
o
n
(
LH
L
H
L
H
n
O
V
5
.
2
)
m
o
n
(
HL
H
L
H
L
n
O
V
5
.
2
)
m
o
n
(
z
H
M
0
2
<z
H
M
0
2
<Z
-
i
HZ
-
i
HZ
-
i
HZ
-
i
Hf
f
O
GND
1
28 DDRC4
DDRC0
2
27 DDRT4
DDRT0
3
26 VDD2.5
VDD2.5
4
25 GND
CLK_INT
5
24 FB_OUTC
CLK_INC
6
23 FB_OUTT
AVDD2.5
7
22 VDD2.5
AGND
8
21 FB_INT
GND
9
20 FB_INC
DDRC1 10
19 GND
DDRT1 11
18 VDD2.5
VDD2.5 12
17 DDRT3
DDRT2 13
16 DDRC3
DDRC2 14
15 GND
28-Pin 4.4mm TSSOP


Similar Part No. - ICS93V855

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS93V855I IDT-ICS93V855I Datasheet
78Kb / 9P
Spread Spectrum tolerant inputs
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
DDR Phase Lock Loop Clock Driver
2019
More results

Similar Description - ICS93V855

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
DDR Phase Lock Loop Clock Driver
ICS93716 ICST-ICS93716 Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
DDR Phase Lock Loop Clock Driver
2019
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
DDR Phase Lock Loop Clock Driver
2019
ICS93716 RENESAS-ICS93716 Datasheet
319Kb / 14P
Low Cost DDR Phase Lock Loop Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com