Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1669 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1669
Description  10-Bit Rail-to-Rail Micropower DAC with I2C Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1669 Datasheet(HTML) 2 Page - Linear Technology

  LTC1669 Datasheet HTML 1Page - Linear Technology LTC1669 Datasheet HTML 2Page - Linear Technology LTC1669 Datasheet HTML 3Page - Linear Technology LTC1669 Datasheet HTML 4Page - Linear Technology LTC1669 Datasheet HTML 5Page - Linear Technology LTC1669 Datasheet HTML 6Page - Linear Technology LTC1669 Datasheet HTML 7Page - Linear Technology LTC1669 Datasheet HTML 8Page - Linear Technology LTC1669 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1669
1669f
ORDER PART
NUMBER
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 150°C/W
1
2
3
4
SDA
AD1
AD2
SCL
8
7
6
5
VOUT
GND
AD0
VCC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
MS8 PART MARKING
LTC1669CMS8
LTC1669IMS8
VCC to GND .............................................. –0.3V to 7.5V
SDA, SCL .................................................. – 0.3V to 7.5V
AD0, AD1, AD2 (MSOP Only) ...... – 0.3V to (VCC + 0.3V)
VOUT ............................................ – 0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC1669C .............................................. 0
°C to 70°C
LTC1669I ........................................... – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
S5 PART MARKING
LTC1669CS5
LTC1669-1CS5
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VCC set as reference, VOUT unloaded,
unless otherwise noted.
(Note 1)
SDA 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
VOUT 3
5 SCL
4 VCC
TJMAX = 125°C, θJA = 250°C/W
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
DAC
Resolution
q
10
Bits
Monotonicity
(Note 2)
q
10
Bits
DNL
Differential Nonlinearity
Guaranteed Monotonic (Note 2)
q
±0.2
±0.75
LSB
INL
Integral Nonlinearity
(Note 2)
q
±0.5
±2.5
LSB
VOS
Offset Error
Measured at Code 20
q
±10
±30
mV
VOSTC
Offset Error Temperature Coefficient
±15
µV/°C
FSE
Full-Scale Error
Reference Set to VCC
q
±3
±15
LSB
Reference Set to Internal Bandgap
q
±3
±15
LSB
VOUT
DAC Output Span
Reference Set to VCC
0 to VCC
V
Reference Set to Internal Bandgap
0 to 2.5
V
VFSTC
Full-Scale Voltage Temperature Coefficient
Reference Set to VCC
±30
µV/°C
Reference Set to Internal Bandgap
±50
µV/°C
PSRR
Power Supply Rejection Ratio
Reference Set to Internal Bandgap,
±0.4
LSB/V
Code = 1023
Power Supply
VCC
Positive Supply Voltage
q
2.7
5.5
V
ICC
Supply Current
VCC = 3V (Note 3)
q
60
100
µA
VCC = 5V (Note 3)
q
75
125
µA
ISD
Supply Current in Shutdown Mode
(Note 3)
q
12
24
µA
Op Amp DC Performance
Short-Circuit Current (Sourcing)
VOUT Shorted to GND, Input Code = 1023
q
25
100
mA
Short-Circuit Current (Sinking)
VOUT Shorted to VCC, Input Code = 0
q
30
120
mA
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LTAHV
LTAHX
LTAHW
LTAHR
LTAHT
LTAHU
LTC1669-8CMS8
LTC1669-8IMS8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com