Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1669 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1669
Description  10-Bit Rail-to-Rail Micropower DAC with I2C Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1669 Datasheet(HTML) 4 Page - Linear Technology

  LTC1669 Datasheet HTML 1Page - Linear Technology LTC1669 Datasheet HTML 2Page - Linear Technology LTC1669 Datasheet HTML 3Page - Linear Technology LTC1669 Datasheet HTML 4Page - Linear Technology LTC1669 Datasheet HTML 5Page - Linear Technology LTC1669 Datasheet HTML 6Page - Linear Technology LTC1669 Datasheet HTML 7Page - Linear Technology LTC1669 Datasheet HTML 8Page - Linear Technology LTC1669 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1669
1669f
TYPICAL PERFOR A CE CHARACTERISTICS
Source and Sink Current
Capability with VCC = 5V
Differential Nonlinearity (DNL)
Integral Nonlinearity (INL)
Large-Signal Step Response
Midscale Glitch
CODE
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
156
512
640
1669 G01
– 0.6
0.6
0.8
0.2
28
384
768 896 1024
VREF = VCC = 5V
TA = 25°C
CODE
0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
156
512
640
1669 G02
– 0.6
0.6
0.8
0.2
28
384
768 896 1024
VREF = VCC = 5V
TA = 25°C
OUTPUT CURRENT SOURCE/SINK (mA)
01
3
3.0
4.0
5.0
4.5
3.5
2.5
1.5
0.5
8
1669 G03
2.0
1.0
0
2
4
6
57
9
10
DAC CODE = 1023
DAC CODE = 0
TA = 25°C
5
5
0
4
3
2
VOUT
(VOLTS)
SDA
(VOLTS)
1
0
1669 G04
CODE = 990
CODE = 32
5
µs/DIV
VCC = 5V
RL = 4.7k
CL = 100pF
TA = 25°C
5V
0V
VOUT
10mV/DIV
SDA
1669 G05
2
µs/DIV
VCC = 5V
RL = 4.7k
CL = 100pF
TA = 25°C
CODE = 512 TO 511
Load Regulation vs Output Current
Load Regulation vs Output Current
IOUT (mA)
–4
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
–2
0
1
1669 G06
– 0.6
0.6
0.8
0.2
–3
–1
2
3
4
VCC = VREF = 5V
VOUT = 2.5V
CODE = 512
TA = 25°C
SOURCE
SINK
IOUT (mA)
–1.0
–1.0
– 0.8
– 0.4
– 0.2
0
1.0
0.4
– 0.6– 0.4
0
0.2
1669 G07
– 0.6
0.6
0.8
0.2
– 0.8
– 0.2
0.6
0.4
0.8 1.0
VCC = VREF = 3V
VOUT = 1.5V
CODE = 512
TA = 25°C
SOURCE
SINK
TEMPERATURE (
°C)
–60
5
4
3
2
1
0
–1
–2
–3
–4
–5
–20
20
40
1669 G08
–40
0
60
80
100
TEMPERATURE (
°C)
–60
2.510
2.508
2.506
2.504
2.502
2.500
2.498
2.496
2.494
2.492
2.490
–20
20
40
1669 G09
–40
0
60
80
100
REFERENCE SET TO
INTERNAL BANDGAP
Offset Error Voltage vs
Temperature
Full-Scale Output Voltage vs
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com