Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1669 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1669
Description  10-Bit Rail-to-Rail Micropower DAC with I2C Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1669 Datasheet(HTML) 3 Page - Linear Technology

  LTC1669 Datasheet HTML 1Page - Linear Technology LTC1669 Datasheet HTML 2Page - Linear Technology LTC1669 Datasheet HTML 3Page - Linear Technology LTC1669 Datasheet HTML 4Page - Linear Technology LTC1669 Datasheet HTML 5Page - Linear Technology LTC1669 Datasheet HTML 6Page - Linear Technology LTC1669 Datasheet HTML 7Page - Linear Technology LTC1669 Datasheet HTML 8Page - Linear Technology LTC1669 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1669
1669f
ELECTRICAL C
C
HARA TERISTICS The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VCC set as reference, VOUT unloaded,
unless otherwise noted.
The q denotes specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VCC = 2.7V to 5.5V, VCC set as reference, VOUT unloaded, unless otherwise noted.
TI I G CHARACTERISTICS
Note 1: Absolute maximum ratings are those values beyond which the life
of a device may be impaired.
Note 2: Nonlinearity and monotonicity are defined from code 20 to code
1003 (full scale). See Applications Information.
Note 3: Digital inputs at 0V or VCC.
Note 4: Load is 10k
Ω in parallel with 100pF.
Note 5: VCC = VREF = 5V. DAC switched between 0.1VFS and 0.9VFS,
i.e., codes k = 102 and k = 922.
Note 6: All values are referenced to VIH and VIL levels.
Note 7: Guaranteed by design and not subject to test.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Impedance to GND
Input Code = 0, VCC = 5V
65
Ω
Input Code = 0, VCC = 3V
150
Ω
In Shutdown Mode
500
k
Ω
Output Impedance to VCC
Input Code = 1023, VCC = 5V
80
Ω
Input Code = 1023, VCC = 3V
120
Ω
AC Performance
Voltage Output Slew Rate
Rising (Notes 4, 5)
0.75
V/
µs
Falling (Notes 4, 5)
0.25
V/
µs
Voltage Output Settling Time
To
±0.5LSB (Notes 4, 5)
30
µs
Digital Feedthrough
0.75
nV • s
Digital-to-Analog Glitch Impulse
1LSB Change Around Major Carry
70
nV • s
Digital Inputs SCL, SDA
VIH
High Level Input Voltage
q
2.1
V
VIL
Low Level Input Voltage
q
1.5
V
VLTH
Logic Threshold Voltage
1.8
V
ILEAK
Digital Input Leakage
VCC = 5.5V and 0V, VIN = GND to VCC
q
±1
µA
CIN
Digital Input Capacitance
(Note 7)
q
10
pF
Digital Output SDA
VOL
Digital Output Low Voltage
IPULLUP = 3mA
q
0.4
V
Address Inputs AD0, AD1, AD2 (MSOP Only)
IUP
Address Pin Pull-Up Current
VIN = 0V
q
0.5
1.5
µA
VIH
High Level Input Voltage
q
VCC – 0.3
V
VIL
Low Level Input Voltage
q
0.8
V
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
Timing Characteristics (Notes 6, 7)
fSCL
Clock Operating Frequency
q
100
kHz
tBUF
Bus Free Time Between Stop and Start Condition
q
4.7
µs
tHD, STA
Hold Time After (Repeated) Start Condition
q
4
µs
tSU, STA
Repeated Start Condition Setup Time
q
4.7
µs
tSU, STO
Stop Condition Setup Time
q
4
µs
tHD, DAT (IN)
Data Hold Time (Input)
q
0ns
tHD, DAT (OUT)
Data Hold Time (Output)
q
225
500
3450
ns
tSU, DAT
Data Setup Time
q
250
ns
tLOW
Clock Low Period
q
4.7
µs
tHIGH
Clock High Period
q
4
µs
tf
Clock, Data Fall Time
q
20
300
ns
tr
Clock, Data Rise Time
q
20
1000
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com