Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7510 Datasheet(PDF) 39 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 39 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 35Page - Texas Instruments PCI7510 Datasheet HTML 36Page - Texas Instruments PCI7510 Datasheet HTML 37Page - Texas Instruments PCI7510 Datasheet HTML 38Page - Texas Instruments PCI7510 Datasheet HTML 39Page - Texas Instruments PCI7510 Datasheet HTML 40Page - Texas Instruments PCI7510 Datasheet HTML 41Page - Texas Instruments PCI7510 Datasheet HTML 42Page - Texas Instruments PCI7510 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 234 page
background image
2–20
Table 2–16. IEEE 1394 Physical Layer Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
CNA
111
P17
I/O
Cable not active. This terminal is asserted high when there are no ports receiving incoming bias voltage.
If it is not used, then this terminal must be strapped either to GND through a resistor.
CPS
80
P10
I
Cable power status input. This terminal is normally connected to cable power through a 400-k
Ω resistor.
This circuit drives an internal comparator that is used to detect the presence of cable power. If CPS is
not used to detect cable power, then this terminal must be tied to ground.
FILTER0
FILTER1
105
106
T19
R17
I/O
PLL filter terminals. These terminals are connected to an external capacitance to form a lag-lead filter
required for stable operation of the internal frequency multiplier PLL running off of the crystal oscillator.
A 0.1-
µF ±10% capacitor is the only external component required to complete this filter.
PC0
PC1
PC2
77
76
75
V10
W10
P09
I
Power class programming inputs. On hardware reset, these inputs set the default value of the power
class indicated during self-ID. Programming is done by tying these terminals high or low.
R0
R1
91
92
W13
V13
–
Current-setting resistor terminals. These terminals are connected to an external resistance to set the
internal operating currents and cable driver output currents. A resistance of 6.34 k
Ω ±1% is required
to meet the IEEE Std 1394-1995 output voltage limits.
TPA0P
TPA0N
87
86
V12
W12
I/O
Twisted-pair cable A differential signal terminals. Board trace lengths from each pair of positive and
negative differential signal pins must be matched and as short as possible to the external load resistors
TPA1P
TPA1N
101
99
V15
W15
I/O
negative differential signal pins must be matched and as short as possible to the external load resistors
and to the cable connector.
TPBIAS0
TPBIAS1
88
103
U12
U15
I/O
Twisted-pair bias output. This provides the 1.86-V nominal bias voltage needed for proper operation
of the twisted-pair cable drivers and receivers and for signaling to the remote nodes that there is an
active cable connection. Each of these pins must be decoupled with a 1.0-
µF capacitor to ground.
TPB0P
TPB0N
82
81
V11
W11
I/O
Twisted-pair cable B differential signal terminals. Board trace lengths from each pair of positive and
negative differential signal pins must be matched and as short as possible to the external load resistors
TPB1P
TPB1N
96
95
V14
W14
I/O
negative differential signal pins must be matched and as short as possible to the external load resistors
and to the cable connector.
XI
XO
109
110
R18
R19
–
Crystal oscillator inputs. These pins connect to a 24.576-MHz parallel resonant fundamental mode
crystal. The optimum values for the external shunt capacitors are dependent on the specifications of
the crystal used (see Section 3.10.2, Crystal Selection). Terminal 5 has an internal 10-k
Ω (nominal
value) pulldown resistor. An external clock input can be connected to the XI terminal. When using an
external clock input, the XO terminal must be left unconnected. Refer to Section 3.10.2 for the operating
characteristics of the XI terminal.
Table 2–17. Power Supply Terminals
TERMINAL
NAME
NUMBER
I/O
DESCRIPTION
NAME
PDV
GHK
I/O
DESCRIPTION
ANALOGGND
83
90
97
U11
R12
R13
–
Analog circuit ground terminals.
ANALOGVCC
85
93
98
R11
U13
U14
–
Analog circuit power terminals. A parallel combination of high frequency decoupling capacitors near
each terminal is suggested, such as 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering capacitors
are also recommended. These supply terminals are separated from VDPLL and VSPLL internal to
the device to provide noise isolation. They must be tied at a low-impedance point on the circuit board.
VDPLL
107
P15
–
PLL circuit power terminals. A parallel combination of high frequency decoupling capacitors near the
terminal is suggested, such as 0.1
µF and 0.001 µF. Lower frequency 10-µF filtering capacitors are
also recommended. This supply terminal is separated from AVDx internal to the device to provide
noise isolation. It must be tied at a low-impedance point on the circuit board.
VSPLL
108
N14
–
PLL circuit ground terminals. This terminal must be tied to the low-impedance circuit board ground
plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com