Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7510 Datasheet(PDF) 67 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 67 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 63Page - Texas Instruments PCI7510 Datasheet HTML 64Page - Texas Instruments PCI7510 Datasheet HTML 65Page - Texas Instruments PCI7510 Datasheet HTML 66Page - Texas Instruments PCI7510 Datasheet HTML 67Page - Texas Instruments PCI7510 Datasheet HTML 68Page - Texas Instruments PCI7510 Datasheet HTML 69Page - Texas Instruments PCI7510 Datasheet HTML 70Page - Texas Instruments PCI7510 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 234 page
background image
3–27
For the operating system (OS) to manage the device power states on the PCI bus, the PCI function must support four
power-management operations. These operations are:
•
Capabilities reporting
•
Power status reporting
•
Setting the power state
•
System wake-up
The OS identifies the capabilities of the PCI function by traversing the new capabilities list. The presence of
capabilities in addition to the standard PCI capabilities is indicated by a 1 in bit 4 (CAPLIST) of the status register (PCI
offset 06h, see Section 4.6).
The capabilities pointer provides access to the first item in the linked list of capabilities. For the PCI7510 device, a
CardBus bridge with PCI configuration space header type 2, the capabilities pointer is mapped to an offset of 14h.
The first byte of each capability register block is required to be a unique ID of that capability. PCI power management
has been assigned an ID of 01h. The next byte is a pointer to the next pointer item in the list of capabilities. If there
are no more items in the list, then the next item pointer must be set to 0. The registers following the next item pointer
are specific to the capability of the function. The PCI power-management capability implements the register block
outlined in Table 3–17.
Table 3–17. Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
A0h
Data
Power-management control/status register bridge support extensions
Power-management control/status (CSR)
A4h
The power-management capabilities register (PCI offset A2h, see Section 4.43) is a static read-only register that
provides information on the capabilities of the function related to power management. The power-management
control/status register (PCI offset A4h, see Section 4.44) enables control of power-management states and
enables/monitors power-management events. The data register is an optional register that can provide dynamic data.
For more information on PCI power management, see the PCI Bus Power Management Interface Specification for
PCI to CardBus Bridges.
3.9.9.1 Function 2 Power Management
The PCI7510 device complies with the PCI Bus Power Management Interface Specification. The device supports the
D0 (unitialized), D0 (active), D1, D2, and D3 power states as defined by the power management definition in the 1394
Open Host Controller Interface Specification, Appendix A4.
Table 3–18. Function 2 Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
44h
Data
Power-management control/status register bridge support extensions
Power-management control/status (CSR)
48h
3.9.9.2 Function 3 Power Management
The PCI Bus Power Management Interface Specification is applicable for the firmware loader. This function supports
the D0 and D3 power states.
Table 3–19. Function 3 Power-Management Registers
REGISTER NAME
OFFSET
Power-management capabilities
Next item pointer
Capability ID
44h
Data
Power-management control/status register bridge support extensions
Power-management control/status (CSR)
48h
3.9.10 CardBus Bridge Power Management
The PCI Bus Power Management Interface Specification for PCI to CardBus Bridges was approved by PCMCIA in
December of 1997. This specification follows the device and bus state definitions provided in the PCI Bus Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com