Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI7510 Datasheet(PDF) 49 Page - Texas Instruments

Part # PCI7510
Description  PC Card, Smart Card and Integrated
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI7510 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI7510 Datasheet HTML 45Page - Texas Instruments PCI7510 Datasheet HTML 46Page - Texas Instruments PCI7510 Datasheet HTML 47Page - Texas Instruments PCI7510 Datasheet HTML 48Page - Texas Instruments PCI7510 Datasheet HTML 49Page - Texas Instruments PCI7510 Datasheet HTML 50Page - Texas Instruments PCI7510 Datasheet HTML 51Page - Texas Instruments PCI7510 Datasheet HTML 52Page - Texas Instruments PCI7510 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 234 page
background image
3–9
CRT
VGA
Controller
Audio
Codec
PCI7510
19
4
Zoomed Video
Port
PCM
Audio
Input
PCI Bus
PC Card
Interface
Video
Audio
19
4
PC Card
Motherboard
Speakers
Figure 3–4. Zoomed Video Implementation Using the PCI7510 Device
Not shown in Figure 3–4 is the multiplexing scheme used to route the socket ZV source to the graphics controller.
The PCI7510 device provides ZVSTAT and ZVSEL0 signals on the multifunction terminals to switch external bus
drivers. Figure 3–5 shows an implementation for switching between two ZV streams using external logic.
ZVSTAT
ZVSEL0
PCI7510
1
0
Figure 3–5. Zoomed Video Switching Application
Figure 3–5 illustrates an implementation using standard three-state bus drivers with active-low output enables.
ZVSEL0 is an active-low output indicating that the CardBus socket ZV mode is enabled. Table 3–5 illustrates the
functionality of the ZV output signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com