Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1840IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1840IGN
Description  Dual Fan Controller with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1840IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1840IGN Datasheet HTML 3Page - Linear Technology LTC1840IGN Datasheet HTML 4Page - Linear Technology LTC1840IGN Datasheet HTML 5Page - Linear Technology LTC1840IGN Datasheet HTML 6Page - Linear Technology LTC1840IGN Datasheet HTML 7Page - Linear Technology LTC1840IGN Datasheet HTML 8Page - Linear Technology LTC1840IGN Datasheet HTML 9Page - Linear Technology LTC1840IGN Datasheet HTML 10Page - Linear Technology LTC1840IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC1840
7
1840f
START
1 1 1 B4 B3 B2 B1
X X X X X R2 R1 R0
WR
ACK
ACK
D7 D6 D5 D4 D3 D2 D1 D0
ACK
STOP
SLAVE
ADDRESS
REGISTER
ADDRESS
S
0
S
0
S
0
0
DATA
BYTE
1
11
11
1
7
88
START
1 1 1 B4 B3 B2 B1
X X X X X R2 R1 R0
WR
ACK
ACK
D7 D6 D5 D4 D3 D2 D1 D0
ACK
STOP
SLAVE
ADDRESS
REGISTER
ADDRESS
S
0
S
0
M
1
0
DATA
BYTE
11
1
1
ACK
S
0
11
1
7
START 1 1 1 B4 B3 B2 B1
RD
SLAVE
ADDRESS
1
11
7
8
8
1840 TD03
Serial Interface
• Simple 2-wire interface
• Multiple devices on same bus
• Idle bus must have SDA and SCL lines high
• LTC1840 is read/write
• Master controls bus
• Devices listen for unique address that precedes data
The START and STOP Conditions
When the bus is not in use, both SCL and SDA must be
high. A bus master signals the beginning of a transmission
with a START condition by transitioning SDA from high to
low while SCL is high. When the master has finished
communicating with the slave, it issues a STOP condition
by transitioning SDA from low to high while SCL is high.
The bus is then free for another transmission.
Acknowledge
The acknowledge signal is used for handshaking between
the master and the slave. An acknowledge (LOW active)
generated by the slave lets the master know that the latest
byte of information was received. The acknowledge-
related clock pulse is generated by the master. The trans-
mitter master releases the SDA line (HIGH) during the
acknowledge clock pulse. The slave receiver must pull
down the SDA line during the acknowledge clock pulse so
that it remains stable LOW during the HIGH period of this
clock pulse.
When a slave receiver doesn’t acknowledge the slave
address (for example, it’s unable to receive because it’s
performing some real-time function), the data line must be
left HIGH by the slave. The master can then generate a
STOP condition to abort the transfer.
If a slave receiver acknowledges the slave address, but
some time later in the transfer cannot receive any more
data bytes, the master must again abort the transfer. This
is indicated by the slave generating the “not acknowledge”
on the first byte to follow. The slave leaves the data line
HIGH and the master generates the STOP condition.
Commands Supported
The LTC1840 supports read byte, write byte, read word
(the second data byte will be all ones) and write word (the
second data byte will be ignored) commands.
Data Transfer Timing for Write Commands
In order to help assure that bad data is not written into the
LTC1840, data from a write command is only stored after
a valid acknowledge has been performed. The part will
detect that SDA is low on the rising edge of SCL that marks
the end of the period in which the LTC1840 acknowledges
the data write and then latch the data during the following
SCL low period.
OPERATIO
LTC1840 Write Byte Protocol
LTC1840 Read Byte Protocol
Typical 2-Wire Serial I2C or SMBus Transmission
STOP
CONDITION
8
1-7
9
8
1-7
9
8
1-7
9
S
P
START
CONDITION
ADDRESS
ACK
ACK
ACK
R/W
DATA
DATA
SDA
SCL
1840 TD02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com