Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1840IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1840IGN
Description  Dual Fan Controller with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1840IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC1840IGN Datasheet HTML 1Page - Linear Technology LTC1840IGN Datasheet HTML 2Page - Linear Technology LTC1840IGN Datasheet HTML 3Page - Linear Technology LTC1840IGN Datasheet HTML 4Page - Linear Technology LTC1840IGN Datasheet HTML 5Page - Linear Technology LTC1840IGN Datasheet HTML 6Page - Linear Technology LTC1840IGN Datasheet HTML 7Page - Linear Technology LTC1840IGN Datasheet HTML 8Page - Linear Technology LTC1840IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC1840
4
1840f
TYPICAL PERFOR A CE CHARACTERISTICS
VCC (V)
2.5
550
500
450
400
6.5
1840 G01
3.5
4.5
5.5
TA = 25°C
TEMPERATURE (
°C)
–50
450
440
430
420
410
400
390
–25
025
50
1840 G02
75
100
VCC (V)
2.5
100.00
100.05
6.5
1840 G03
99.95
99.90
3.5
4.5
5.5
100.10
TA = 25°C
VDACOUT (V)
0
120
100
80
60
40
20
0
1
23
4
1840 G04
56
TA = 25°C
VDACOUT (V)
0.5
100.10
100.05
100.00
99.95
99.90
99.85
99.80
99.75
3.5
1840 G05
1.5
2.5
4.5
TA = 25°C
VDACOUT (V)
100.5
100.3
100.1
99.9
99.7
99.5
99.3
99.1
1840 G06
0
1
23
4
5
6
TA = 25°C
FREQUENCY (kHz)
1
10
15
20
1840 G07
5
0
10
100
1000
TA = 25°C
TEMPERATURE (
°C)
–50
10
5
0
25
75
1840 G08
–25
0
50
100
125
CODE
1
0.2
0.1
0
–0.1
–0.2
255
1840 G09
TA = 25°C
Supply Current vs Supply Voltage
Supply Current vs Temperature
(VCC = 3V)
IDACOUT Full Scale vs VCC,
VDACOUT = 1.1V
IDACOUT FS vs VDACOUT
at VCC = 3V to 5V
IDACOUT FS vs VDACOUT
at VCC = 3V
IDACOUT FS vs VDACOUT
at VCC = 5V
IDACOUT AC Supply Rejection at
Full Scale, VCC = 3V DC
DAC Zero Scale Error at VCC = 3V,
VDACOUT = 1.1V
DAC DNL vs Code at VCC = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com