Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1840IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1840IGN
Description  Dual Fan Controller with 2-Wire Interface
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1840IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1840IGN Datasheet HTML 4Page - Linear Technology LTC1840IGN Datasheet HTML 5Page - Linear Technology LTC1840IGN Datasheet HTML 6Page - Linear Technology LTC1840IGN Datasheet HTML 7Page - Linear Technology LTC1840IGN Datasheet HTML 8Page - Linear Technology LTC1840IGN Datasheet HTML 9Page - Linear Technology LTC1840IGN Datasheet HTML 10Page - Linear Technology LTC1840IGN Datasheet HTML 11Page - Linear Technology LTC1840IGN Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LTC1840
11
1840f
GN16 (SSOP) 1098
* DIMENSION DOES NOT INCLUDE MOLD FLASH. MOLD FLASH
SHALL NOT EXCEED 0.006" (0.152mm) PER SIDE
** DIMENSION DOES NOT INCLUDE INTERLEAD FLASH. INTERLEAD
FLASH SHALL NOT EXCEED 0.010" (0.254mm) PER SIDE
12
3
4
5
6
7
8
0.229 – 0.244
(5.817 – 6.198)
0.150 – 0.157**
(3.810 – 3.988)
16 15 14 13
0.189 – 0.196*
(4.801 – 4.978)
12 11 10 9
0.016 – 0.050
(0.406 – 1.270)
0.015
± 0.004
(0.38
± 0.10)
× 45°
0
° – 8° TYP
0.007 – 0.0098
(0.178 – 0.249)
0.053 – 0.068
(1.351 – 1.727)
0.008 – 0.012
(0.203 – 0.305)
0.004 – 0.0098
(0.102 – 0.249)
0.0250
(0.635)
BSC
0.009
(0.229)
REF
PACKAGE DESCRIPTIO
OPERATIO
Figure 1. Feedback Divider for 1.25V Reference
Figure 3. Series Diode to Avoid Beat Frequencies
Figure 2. Feedback Divider for 0.8V Reference
VOUT
(5V TO 12V)
R1
69.8k
R2
23.2k
VFB
1.25V
IDAC
REGULATOR
FB
15(14)
IDACOUTA
(IDACOUTB)
LTC1840*
1840 F01
*ADDITIONAL DETAILS
OMITTED FOR CLARITY
VOUT
(5V TO 12V)
R3
69.8k
R1
10k
R2
15k
VFB
0.8V
1.3V
IDAC
REGULATOR
FB
15(14)
IDACOUTA
(IDACOUTB)
LTC1840*
1840 F02
*ADDITIONAL DETAILS
OMITTED FOR CLARITY
VOUT
BYS10-25
FAN 1
FAN 2
FAN 1, FAN 2: NMB 6820PL-04W-B49-D50
1840 F03
GN Package
16-Lead Plastic SSOP (Narrow .150 Inch)
(Reference LTC DWG # 05-08-1641)
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com