Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5100EUF Datasheet(PDF) 25 Page - Linear Technology

Part # LTC5100EUF
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100EUF Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC5100EUF Datasheet HTML 21Page - Linear Technology LTC5100EUF Datasheet HTML 22Page - Linear Technology LTC5100EUF Datasheet HTML 23Page - Linear Technology LTC5100EUF Datasheet HTML 24Page - Linear Technology LTC5100EUF Datasheet HTML 25Page - Linear Technology LTC5100EUF Datasheet HTML 26Page - Linear Technology LTC5100EUF Datasheet HTML 27Page - Linear Technology LTC5100EUF Datasheet HTML 28Page - Linear Technology LTC5100EUF Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
LTC5100
25
sn5100 5100fs
Equation 20 shows that the loop gain is completely inde-
pendent of the slope efficiency and monitor diode re-
sponse. Consequently the servo dynamics and settling
time are independent of these highly varying quantities.
The Apc_gain quantity can be set to compensate for the
selected values of Is_rng and Im_rng as well as the
extinction ratio, termination resistance and laser dynamic
resistance.
The step response of the APC loop is:
Imd_adcn = Imd_set • [1 – (1 – A)n]
(22)
The step response given in Equation 22 has the familiar
exponential settling characteristic of a first order system.
The step response is shown in Figure 25 for A = 0.5. The
remaining error is reduced by one-half with each servo
iteration. In seven iterations, or about 28ms, the modula-
tion current settles to under 1% in this example. The
measured step response, including the modulation enve-
lope, is shown in the Typical Performance Characteristics.
Choosing A = 0.5 is nearly optimal because it results in
smooth, exponential settling. A = 1 will settle in about two
servo iterations or 8ms, but “hunting” or low level oscil-
lation will be seen in the laser bias current. A > 1 results
in overshoot and A > 2 results in sustained high level
oscillation.
microprocessor, according to the setting of Ext_temp_en.
The temperature compensated expression for Imd_set is
given by:
Im _
Im _
•
Im _
•
•
Im _
•
•
–
–
d set
d nom
dtc
T
dtc
T
=
∆
+∆ +
22
12
1
18
2
13
(23)
Imd_tc1 and Imd_tc2 are the first and second order
temperature coefficients for the monitor diode current.
Equation 23 applies to the digital representation of the
monitor diode current. Recall that Imd_set is the digital set
point for the
logarithm of the monitor diode current. This
fact has two important implications. First, the first order
temperature coefficient in Equation 23 (Imd_tc1) results
in an exponential change in the physical monitor diode
current with temperature. However, the monitor diode
temperature drift is usually very small, and the exponential
is well approximated as linear. Second, if Imd_tc2 = 0, the
relative temperature sensitivity of the physical current is
given by:
dIMD
dT
I
dtc
d nom
MD
•
ln( )•
•Im _
•
Im _
–
1
82
1
1024
13
=
(24)
where IMD is the physical monitor diode current in Amps.
Equation 24 shows that the temperature coefficient of the
physical current depends on the nominal monitor diode
current. For example, if Imd_nom = 512 and Imd_tc1 = 4,
the physical temperature compensation would be:
dIMD
dT
I
ppm C
MD
•
ln( )•
• •
/
–
1
82
4
512
1024
508
13
==
°
(25)
The effect of Imd_tc2 on the physical monitor diode
current has no simple physical interpretation. In most
cases it will be sufficient to set Imd_tc2 to zero and use the
first order temperature coefficient, Imd_tc1 to correct
monitor diode drift.
LASER BIAS CURRENT CONTROL IN CCC MODE
Figure 4 is a functional diagram of the LTC5100 operating
in constant current control (CCC) mode. In CCC mode, the
LTC5100 sets the laser bias current directly. Setting
Apc_en = 0 selects this mode. In CCC mode the laser bias
OPERATIO
Figure 25. Step Response of the Monitor
Diode Current for a Total Loop Gain of 0.5
Im_adc
0
4
8
12
16
20
24
28
32
5100 F25
2
1
345678
TIME (ms)
SERVO
ITERATIONS
Imd_set
Temperature Compensation
The set point value for the monitor diode current, Imd_set
in Figure 3, can be changed with temperature to compen-
sate the temperature dependence of the monitor diode
response. Temperature measurements are supplied either
by an on-chip temperature sensor or by an external



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com