Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5100EUF Datasheet(PDF) 28 Page - Linear Technology

Part # LTC5100EUF
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100EUF Datasheet(HTML) 28 Page - Linear Technology

Back Button LTC5100EUF Datasheet HTML 24Page - Linear Technology LTC5100EUF Datasheet HTML 25Page - Linear Technology LTC5100EUF Datasheet HTML 26Page - Linear Technology LTC5100EUF Datasheet HTML 27Page - Linear Technology LTC5100EUF Datasheet HTML 28Page - Linear Technology LTC5100EUF Datasheet HTML 29Page - Linear Technology LTC5100EUF Datasheet HTML 30Page - Linear Technology LTC5100EUF Datasheet HTML 31Page - Linear Technology LTC5100EUF Datasheet HTML 32Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
LTC5100
28
sn5100 5100fs
The EN pin and the Soft_en bit must both be active to
enable the transmitter, providing an extra degree of safety
and allowing full software control of the transmitter enable
function. As shown in Figure 6, the EN pin has a weak 10
µA
current source that pulls it to the inactive state in case of
an accidental open on the pin. The EN and Soft_en bits are
inhibited until the LTC5100 has successfully loaded its
registers from an EEPROM or the Operating_mode bit has
been set, signaling that a microprocessor has assumed
control of the chip.
The first time the transmitter is enabled after initial power
up, the servo loops find the correct DAC settings for bias
and modulation current through a feedback process.
Initial settling is typically within 300ms. If the transmitter
is disabled and subsequently re-enabled, the previously
determined DAC settlings are restored. In this case set-
tling occurs typically within 1ms. This feature is called
“Rapid Restart” and can be overridden by setting the
Rapid–restart_en bit to zero.
The LTC5100 has sophisticated eye safety and fault han-
dling features. Five types of faults are detected: low supply
voltage, excessive laser bias current, overpower,
underpower and EEPROM memory load failure. Table 1
summarizes these five faults and how they are handled in
the LTC5100.
Faults are latched in compliance with GBIC requirements.
Faults can be independently enabled (except for low sup-
ply voltage and memory load failure) and are recorded in
an internal register for readout over the serial bus. If two
faults occur simultaneously, the fault with the highest
priority (see Table 1) is recorded in the FLT_STATUS
register. This register indicates the cause of the fault and
is cleared only when read (not when the fault itself is
cleared.) Low supply voltage and memory load failure are
considered hard faults and cannot be masked or overrid-
den. They prevent the transmitter from begin enabled until
they are cleared.
Normally, a fault automatically disables the transmitter
and shuts down the laser. In some systems it may be
desirable to allow data transmission to continue after a
OPERATIO
Table 1. Fault Detection and Handling
FAULT TYPE
LASER
LASER
LASER
EEPROM MEMORY
POWER SUPPLY
SOFTWARE
OVERCURRENT
OVERPOWER
UNDERPOWER
LOAD FAULT
UNDERVOLTAGE
FORCED FAULT
Fault Occurs When
Laser Bias Current
Monitor Diode
Monitor Diode
EEPROM Load
VDD Drops
The Flt_pin_override
Exceeds the Value
Current is 50%
Current is 50%
Starts But Fails
Below 2.8V
and Force_flt Bits
in the IB_LIMIT
Greater Than the
Less than the
to Complete
are Set
Register
Set Point
Set Point
Priority
5
4
3
2
1
NA
Cleared by
Yes
Yes
Yes
Yes
No
Yes
Power-On Reset
Latched in the
Yes
Yes
Yes
Yes
Yes
No (Not Part of the
FLT_STATUS
FLT_STATUS Register)
Register
Cleared from the
Yes
Yes
Yes
Yes
Yes
No (Not Part of the
FLT_STATUS
FLT_STATUS Register)
Register on Read
Latched at the
Yes
Yes
Yes
Yes
No (The FAULT Pin
Yes (Actually Latched
FAULT Pin
Signals a Fault as
in the FLT_CONFIG
Long as the Supply
Register)
Voltage Remains
Too Low)
Enabled by
Over_current_en
Over_pwr_en
Under_pwr_en
Always Enabled
Always Enabled
Flt_pin_override
and Apc_en
and Apc_en
Glitch Rejection
4
µs4µs4µs
NA
200mV Typical
NA
Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com