Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC5100EUF Datasheet(PDF) 33 Page - Linear Technology

Part # LTC5100EUF
Description  3.3V, 3.2Gbps VCSEL Driver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC5100EUF Datasheet(HTML) 33 Page - Linear Technology

Back Button LTC5100EUF Datasheet HTML 29Page - Linear Technology LTC5100EUF Datasheet HTML 30Page - Linear Technology LTC5100EUF Datasheet HTML 31Page - Linear Technology LTC5100EUF Datasheet HTML 32Page - Linear Technology LTC5100EUF Datasheet HTML 33Page - Linear Technology LTC5100EUF Datasheet HTML 34Page - Linear Technology LTC5100EUF Datasheet HTML 35Page - Linear Technology LTC5100EUF Datasheet HTML 36Page - Linear Technology LTC5100EUF Datasheet HTML 37Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
LTC5100
33
sn5100 5100fs
OPERATIO
Table 6. Effective Base Addresses for Various Sized EEPROMs
GENERIC PART NUMBER
24LC00
24LC01B
24LC02B
24LC04B
24LC16B
Bits
128
1k
2k
4k
16k
Bytes
16
128
256
512
2048
Device Address (Binary)
1010xxx.
1010xxx.
1010xxx.
1010.xxa
1010cba.
Word Address Space (Binary)
xxxx_nnnn
xnnn_nnnn
nnnn_nnnn
nnnn_nnnn
nnnn_nnnn
LTC5100 Generates
1010_111.
1010_111.
1010_111.
1010_111.
1010_111.
Device Address
= 0xAE
= 0xAE
= 0xAE
= 0xAE
= 0xAE
LTC5100 Generates
0110_0000
0110_0000
0110_0000
0110_0000
0110_0000
Word Address
= 0x60
= 0x60
= 0x60
= 0x60
= 0x60
Effective Base Address
0000_0000
0110_0000
0110_0000
0001_0110_0000
0111_0110_0000
= 0x00
= 0x60
= 0x60
= 0x160
= 0x760
Comments
Minimum Size
EEPROM Not Big
Standard GBIC
LTC5100 Loads
LTC5100 Loads
EEPROM.
Enough for GBIC
EEPROM.
from an Area
from an Area
Loads Every
ID. LTC5100
Smallest EEPROM
Outside the GBIC
Outside the GBIC
Byte in the
Loads from 0x60
That is Big Enough
ID Data Area
ID Data Area
EEPROM.
to 0x6F
to Hold the LTC5100
Data and the GBIC ID.
LTC5100 Loads from
0x60 to 0x6F, the First
16 Bytes of the
Vendor Area
Microprocessor Controlled Operation
An external microprocessor or a test computer can take
full control of the LTC5100 by setting the Operating_mode
bit. When this bit is set, the LTC5100 stops searching for
an external EEPROM and takes commands from the mi-
croprocessor. It is even possible to combine standalone
and microprocessor controlled modes. If an EEPROM is
present, the LTC5100 will load its configuration registers
from the EEPROM at power-up. A microprocessor or test
computer can then read and write the LTC5100 registers
at will.
The primary purpose of the Operating_mode bit is to stop
the LTC5100’s EEPROM load attempts. Once the LTC5100
has loaded itself from an EEPROM (if present), it is not
technically necessary to set the Operating_mode bit to
communicate with the LTC5100.
The LTC5100 attempts to read the EEPROM every 64ms
until it successfully loads its registers or until the
Operating_mode bit is set. There is a finite chance that the
microprocessor and the LTC5100 will generate an I2C bus
collision if an EEPROM load attempt coincides with the
microprocessor’s attempt to access the LTC5100. In this
case, the microprocessor will receive a NACK (not-ac-
knowledged) response to its transmissions. The micro-
processor needs only to cease transmission in accordance
with the I2C protocol and try again. If the microprocessor
makes this second attempt within 64ms (typical), it is
guaranteed not to collide with the LTC5100.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com