Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6915IDE Datasheet(PDF) 9 Page - Linear Technology

Part # LTC6915IDE
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915IDE Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC6915IDE Datasheet HTML 5Page - Linear Technology LTC6915IDE Datasheet HTML 6Page - Linear Technology LTC6915IDE Datasheet HTML 7Page - Linear Technology LTC6915IDE Datasheet HTML 8Page - Linear Technology LTC6915IDE Datasheet HTML 9Page - Linear Technology LTC6915IDE Datasheet HTML 10Page - Linear Technology LTC6915IDE Datasheet HTML 11Page - Linear Technology LTC6915IDE Datasheet HTML 12Page - Linear Technology LTC6915IDE Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6915
9
6915f
Settling Time vs Gain
Internal Clock Frequency vs
Supply Voltage
GAIN (V/V)
1
35
30
25
20
15
10
5
0
10
100
1000
10000
6915 G25
VS = 5V
dVOUT = 1V
0.1% ACCURACY
TA = 25°C
SUPPLY VOLTAGE (V)
2.5
10.5
6915 G26
4.5
6.5
8.5
3.40
3.35
3.30
3.25
3.20
3.15
3.10
TA = –55°C
TA = 85°C
TA = 125°C
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
PI FU CTIO S
IN– (Pin 1/Pin 2): Inverting Analog Input.
SHDN (Pin 1 GN Package Only): Shutdown Pin. The IC is
shut down when SHDN is tied to V+. An internal current
source pulls this pin to V– when floating.
IN+ (Pin 2/Pin 3): Noninverting Analog Input.
V– (Pin 3/Pin 4): Negative Supply.
CS(D0) (Pin 4/Pin 6): TTL Level Input. When in serial
control mode, this pin is the chip select input (active low);
in parallel control mode, this pin is the LSB of the parallel
gain control code.
DIN(D1) (Pin 5/Pin 7): TTL Level Input. When in serial
control mode, this pin is the serial input data; in parallel
mode, this pin is the second LSB of the parallel gain
control code.
HOLD_THRU (Pin 5 GN Package Only): TTL Level Input
for Parallel Control Mode. When HOLD_THRU is high, the
parallel data is latched in an internal D-latch.
CLK(D2) (Pin 6/Pin 8): TTL Level Input. When in serial
control mode, this pin is the clock of the serial interface; in
parallel mode, this pin is the third LSB of the parallel gain
control code.
DOUT(D3) (Pin 7/Pin 9): TTL Level Input. When in serial
control mode, this pin is the output of the serial data; in
parallel mode, this pin is the MSB of the 4-bit parallel gain
(DFN/GN Packages)
control code. In parallel mode operation, if the data in to
DOUT (Pin 9) is from a voltage source greater than V+ (Pin
12), then connect a resistor between the voltage source
and DOUT to limit the current into Pin 9 to 5mA or less.
DGND (Pin 8/Pin 10): Digital Ground.
PARALLEL_SERIAL (Pin 9/Pin 11): Interface Selection
Input. When tied to V+, the interface is in parallel mode, i.e.,
the PGA gain is defined by the parallel codes (D3 ~ D0), i.e.,
CS(D0), DATA(D1), CLK(D2), and DOUT(D3). When
PARALLEL_SERIAL pin is tied to V–, the PGA gain is set
by the serial interface.
REF (Pin 10/Pin 13): Voltage Reference for PGA output.
OUT (Pin 11/Pin 15): Amplifier Output. The typical current
sourcing/sinking of the OUT pin is 1mA. For minimum gain
error, the load resistance should be 1k or greater (refer to
the Output Voltage Swing vs Output Current and Gain
Error vs Load Resistance in the Typical Performance
Characteristics section).
V+ (Pin 12/Pin 16): Positive Supply.
SENSE (Pin 14 GN Package Only): Sense Pin. When the
PGA drives a low resistance load and the interconnect
resistance between the OUT pin and the load is not
negligible, tying the SENSE pin as close as possible to the
load can improve the gain accuracy.
LOAD RESISTANCE RL (k)
0
0.1
0
–0.1
–0.2
–0.3
–0.4
8
6915 G27
2
4
6
10
AV = 4096
AV = 256
AV = 16
Additional Gain Error vs Load
Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com