Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6915IDE Datasheet(PDF) 1 Page - Linear Technology

Part # LTC6915IDE
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915IDE Datasheet(HTML) 1 Page - Linear Technology

  LTC6915IDE Datasheet HTML 1Page - Linear Technology LTC6915IDE Datasheet HTML 2Page - Linear Technology LTC6915IDE Datasheet HTML 3Page - Linear Technology LTC6915IDE Datasheet HTML 4Page - Linear Technology LTC6915IDE Datasheet HTML 5Page - Linear Technology LTC6915IDE Datasheet HTML 6Page - Linear Technology LTC6915IDE Datasheet HTML 7Page - Linear Technology LTC6915IDE Datasheet HTML 8Page - Linear Technology LTC6915IDE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6915
1
6915f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
s
14 Levels of Programmable Gain
s
125dB CMRR Independent of Gain
s
Gain Accuracy 0.1% (Typ)
s
Maximum Offset Voltage of 10
µV
s
Maximum Offset Voltage Drift: 50nV/
°C
s
Rail-to-Rail Input and Output
s
Parallel or Serial (SPI) Interface for Gain Setting
s
Supply Operation: 2.7V to
±5.5V
s
Typical Noise: 2.5
µVP-P (0.01Hz to 10Hz)
s
16-Lead SSOP and 12-Lead DFN Packages
s
Thermocouple Amplifiers
s
Electronic Scales
s
Medical Instrumentation
s
Strain Gauge Amplifier
s
High Resolution Data Acquisition
Zero Drift, Precision
Instrumentation Amplifier with
Digitally Programmable Gain
The LTC
®6915 is a precision programmable gain instru-
mentation amplifier. The gain can be programmed to 0, 1,
2, 4, 8, 16, 32, 64, 128, 256, 512, 1024, 2048, or 4096
through a parallel or serial interface. The CMRR is typically
125dB with a dual 5V supply with any programmed gain.
The offset is below 10
µV with a temperature drift of less
than 50nV/
°C.
The LTC6915 uses charge balanced sampled data tech-
niques to convert a differential input voltage into a single
ended signal that is in turn amplified by a zero-drift
operational amplifier.
The differential inputs operate from rail-to-rail and the
single-ended output swings from rail-to-rail. The LTC6915
can be used in single power supply applications as low as
2.7V, or with dual
±5V supplies. The LTC6915 is available
in a 16-lead SSOP package and a 12-lead DFN surface
mount package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Differential Bridge Amplifier with Gain Programmed through the Serial Interface
+
3V
RESISTOR
ARRAY
MUX
4-BIT
LATCH
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
8-BIT
SHIFT-REGISTER
HOLD_THRU
µP
TO OTHER
DEVICES
CS(D0)
DIN(D1)
CLK(D2)
DOUT(D3)
PARALLEL_SERIAL
IN+
IN
_
3
2
11
6
7
8
9
R < 10k
CS
CH
LTC6915 SSOP PACKAGE
0.1
µF
V+
V
SHDN
DGND
13
5
16
10
1
4
OUT
REF
15
14
CF
6915 TA01
SENSE
3V


Similar Part No. - LTC6915IDE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6915 LINER-LTC6915 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
More results

Similar Description - LTC6915IDE

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8231 AD-AD8231 Datasheet
630Kb / 20P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
logo
Linear Technology
LTC1100 LINER-LTC1100_03 Datasheet
135Kb / 8P
Precision, Zero-Drift Instrumentation Amplifier
logo
Texas Instruments
PGA280 TI-PGA280 Datasheet
900Kb / 45P
Zero-Drift High-Voltage Programmable Gain INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
logo
Texas Instruments
PGA281 TI-PGA281 Datasheet
2Mb / 32P
Precision, Zero-Drift, High-Voltage, Programmable Gain Instrumentation Amplifier
logo
Analog Devices
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC1100 LINER-LTC1100_15 Datasheet
145Kb / 8P
Precision, Zero-Drift Instrumentation Amplifier
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_16 Datasheet
668Kb / 25P
Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. C
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com