Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6915IDE Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6915IDE
Description  Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6915IDE Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6915IDE Datasheet HTML 2Page - Linear Technology LTC6915IDE Datasheet HTML 3Page - Linear Technology LTC6915IDE Datasheet HTML 4Page - Linear Technology LTC6915IDE Datasheet HTML 5Page - Linear Technology LTC6915IDE Datasheet HTML 6Page - Linear Technology LTC6915IDE Datasheet HTML 7Page - Linear Technology LTC6915IDE Datasheet HTML 8Page - Linear Technology LTC6915IDE Datasheet HTML 9Page - Linear Technology LTC6915IDE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC6915
6
6915f
TYPICAL PERFOR A CE CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: These parameters are tested at
±5V supply; at 3V and 5V supplies
they are guaranteed by design.
Note 3: These parameters are guaranteed by design. Thermocouple effects
preclude measurement of these voltage levels in high speed automatic test
systems. VOS is measured to a limit set by test equipment capability.
Note 4: If the total source resistance is less than 10k, no DC errors result
from the input bias current or mismatch of the input bias currents or the
mismatch of the resistances connected to INand IN+.
Note 5: The PSRR measurement accuracy depends on the proximity of the
power supply bypass capacitor to the device under test. Because of this,
the PSRR is 100% tested to relaxed limits at final test. However, their
values are guaranteed by design to meet the data sheet limits.
Note 6: Supply current is dependent on the clock frequency. A higher
clock frequency results in higher supply current.
Note 7: Guaranteed by design, not subject to test.
ELECTRICAL CHARACTERISTICS
INPUT COMMON MODE VOLTAGE (V)
0
0.5
1.0
2.0
1.5
2.5
3.0
6915 G01
0
–2
–4
–6
–8
–10
–12
–14
–16
INPUT COMMON MODE VOLTAGE (V)
2
0
–2
–4
–6
–8
–10
–12
–14
–16
–18
6915 G02
0
0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0
INPUT COMMON MODE VOLTAGE (V)
–5
8
6
4
2
0
–2
–4
–6
–8
–10
–12
–14
3
6915 G03
–3
–1
1
5
–4
4
–2
0
2
INPUT COMMON MODE VOLTAGE (V)
0
0.5
1.0
2.0
1.5
2.5
3.0
6915 G04
20
15
10
5
0
–5
–10
–15
–20
20
15
10
5
0
–5
–10
–15
–20
20
15
10
5
0
–5
–10
–15
–20
–25
INPUT COMMON MODE VOLTAGE (V)
1
4
0
6915 G05
23
5
INPUT COMMON MODE VOLTAGE (V)
–5
–1
3
5
6915 G06
–3
1
AV = 4096
AV = 256
AV = 16
AV = 1
AV = 4096
AV = 256
AV = 16
AV = 1
AV = 4096
AV = 256
AV = 16
AV = 1
VS = 3V
VREF = 0.2V
TA = 25°C
VS = 5V
VREF = 0.2V
TA = 25°C
VS = ±5V
VREF = 0V
TA = 25°C
VS = 3V
VREF = 0.2V
AV = 16
VS = 5V
VREF = 0.2V
AV = 16
VS = ±5V
VREF = 0V
AV = 16
TA = 125°C
TA = 85°C
TA = 70°C
TA = –50°C
TA = 25°C
TA = 125°C
TA = 85°C
TA = 70°C
TA = 125°C
TA = 85°C
TA = 70°C
TA = –50°C
TA = –50°C
TA = 25°C
TA = 25°C
Input Offset Voltage vs Input
Common Mode
Input Offset Voltage vs Input
Common Mode
Input Offset Voltage vs Input
Common Mode
Input Offset Voltage vs Input
Common Mode
Input Offset Voltage vs Input
Common Mode
Input Offset Voltage vs Input
Common Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com